Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1196 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1196
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196 Datasheet(HTML) 3 Page - Linear Technology

  LTC1196 Datasheet HTML 1Page - Linear Technology LTC1196 Datasheet HTML 2Page - Linear Technology LTC1196 Datasheet HTML 3Page - Linear Technology LTC1196 Datasheet HTML 4Page - Linear Technology LTC1196 Datasheet HTML 5Page - Linear Technology LTC1196 Datasheet HTML 6Page - Linear Technology LTC1196 Datasheet HTML 7Page - Linear Technology LTC1196 Datasheet HTML 8Page - Linear Technology LTC1196 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC1196/LTC1198
RECO
E DED OPERATI G CO DITIO S
LTC1196-1
LTC1196-2
LTC1198-1
LTC1198-2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
CO VERTER A D
ULTIPLEXER CHARACTERISTICS
ELECTRICAL C
C
HARA TER STICS
DIGITAL A D
I
DC
VCC = 5V, VREF = 5V, unless otherwise noted.
– 0.05V to VCC + 0.05V
tsuDI
Setup Time DIN Stable Before CLK↑
LTC1198
20
26
ns
tWHCLK
CLK High Time
fCLK = fCLK(MAX)
40%
40%
1/fCLK
tWLCLK
CLK Low Time
fCLK = fCLK(MAX)
40%
40%
1/fCLK
tWHCS
CS High Time Between Data Transfer Cycles
25
32
ns
tWLCS
CS Low Time During Data Transfer
LTC1196
11
11
CLK
LTC1198
15
15
CLK
VCC = 5V, VREF = 5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
LTC1196-XA
LTC1196-XB
LTC1198-XA
LTC1198-XB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
No Missing Codes Resolution
q
8
8
Bits
Offset Error
q
±1/2
±1
LSB
Linearity Error
(Note 3)
q
±1/2
±1
LSB
Full-Scale Error
q
±1/2
±1
LSB
Total Unadjusted Error (Note 4)
LTC1196, VREF = 5.000V
q
±1/2
±1
LSB
LTC1198, VCC = 5.000V
Analog and REF Input Range
LTC1196
V
Analog Input Leakage Current
(Note 5)
q
±1
±1
µA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 5.25V
q
2.0
V
VIL
Low Level Input Voltage
VCC = 4.75V
q
0.8
V
IIH
High Level Input Current
VIN = VCC
q
2.5
µA
IIL
Low Level Input Current
VIN = 0V
q
–2.5
µA
VOH
High Level Output Voltage
VCC = 4.75V, IO = 10µA
q
4.5
4.74
V
VCC = 4.75V, IO = 360µA
q
2.4
4.71
V
VOL
Low Level Output Voltage
VCC = 4.75V, IO = 1.6mA
q
0.4
V
IOZ
Hi-Z Output Leakage
CS = High
q
±3
µA
ISOURCE
Output Source Current
VOUT = 0V
– 25
mA
ISINK
Output Sink Current
VOUT = VCC
45
mA
IREF
Reference Current, LTC1196
CS = VCC
q
0.001
3
µA
fSMPL = fSMPL(MAX)
q
0.5
1
mA
ICC
Supply Current
CS = VCC, LTC1198 (Shutdown)
q
0.001
3
µA
CS = VCC, LTC1196
q
715
mA
fSMPL = fSMPL(MAX), LTC1196/LTC1198
q
11
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com