Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB829 Datasheet(PDF) 8 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button DB829 Datasheet HTML 4Page - CML Microcircuits DB829 Datasheet HTML 5Page - CML Microcircuits DB829 Datasheet HTML 6Page - CML Microcircuits DB829 Datasheet HTML 7Page - CML Microcircuits DB829 Datasheet HTML 8Page - CML Microcircuits DB829 Datasheet HTML 9Page - CML Microcircuits DB829 Datasheet HTML 10Page - CML Microcircuits DB829 Datasheet HTML 11Page - CML Microcircuits DB829 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Baseband Signal Processor
8
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.2 Write Only Register Description
5.2.1 RESET Register (Hex address $01)
The reset command has no data attached to it. It sets the device registers into the specific states as listed below:
REGISTER NAME
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
D0)
CONTROL 1
00000000
CONTROL 2
00000000
CONTROL 3/IRQ ENABLE
00000000
AUDIO ATTENUATION
00000000
TXDATA
XXXXXXXX
MOD LEVELS (1)
00000000
MOD LEVELS (2)
00000000
RX SYNC WORD (1)
XXXXXXXX
RX SYNC WORD (2)
XXXXXXXX
STATUS
00000000
RXDATA
XXXXXXXX
X = undefined
5.2.2 CONTROL1 Register (Hex address $10)
This register is used to control the functions of the device as described below:
AMP1
(Bit 7)
When this bit is "1", AMP1 is enabled.
When this bit is "0", AMP1 is disabled (i.e. powersaved).
AMP2
(Bit 6)
When this bit is "1", both AMP2 and MOD2 are enabled.
When this bit is "0", both AMP2 and MOD2 are disabled (i.e. powersaved) and the MOD2 output is
pulled to VBIAS via a 1M: resistor.
AUDIO
(Bit 5)
When this bit is "1", the audio filter/limiter section is enabled.
When this bit is "0", the audio filter/limiter section is disabled (i.e. powersaved).
MSKRX
(Bit 4)
When this bit is "1", the MSK Rx is enabled.
When this bit is "0", the MSK Rx is disabled (i.e. powersaved).
Note: The MSK Rx and Tx cannot both be enabled at the same time. If both MSKRX and MSKTX are "1", then they will
both be disabled (i.e. powersaved).
MSKTX
(Bit 3)
When this bit is "1", the MSK Tx is enabled.
When this bit is "0", the MSK Tx is disabled (i.e. powersaved).
Note: The MSK Tx and Rx cannot both be enabled at the same time. If both MSKTX and MSKRX are "1", then they will
both be disabled (i.e. powersaved).
The DTMF Encoder and MSK Tx cannot both be enabled at the same time. If both DTMFEN and MSKTX are "1",
then they will both be disabled.
UK/F
(Bit 2)
When this bit is "1", the SYNC/SYNT is set to the PAA standard of "1011010000110011" (SYNC)
When this bit is "0", the SYNC/SYNT is set to the MPT standard of "1100010011010111" (SYNC)
MIC
(Bit 1)
When this bit is "1", the MIC input is enabled and the AMP1 (DEMODIN) input is disabled.
When this bit is "0", the AMP1 (DEMODIN) input is enabled and the MIC input is disabled.
B/W
(Bit 0)
When this bit is "1", the bandwidth of the audio path is set wide for 20kHz/25kHz RF channel spacing.
When this bit is "0", the bandwidth of the audio path is set narrow for 12.5kHz RF channel spacing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com