Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB829 Datasheet(PDF) 9 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button DB829 Datasheet HTML 5Page - CML Microcircuits DB829 Datasheet HTML 6Page - CML Microcircuits DB829 Datasheet HTML 7Page - CML Microcircuits DB829 Datasheet HTML 8Page - CML Microcircuits DB829 Datasheet HTML 9Page - CML Microcircuits DB829 Datasheet HTML 10Page - CML Microcircuits DB829 Datasheet HTML 11Page - CML Microcircuits DB829 Datasheet HTML 12Page - CML Microcircuits DB829 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Baseband Signal Processor
9
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.2.3 CONTROL 2 Register (Hex address $11)
This register is used to control the functions of the device as described below:
CHKSUM
(Bit 7)
In the Tx mode, when this bit is "1", the checksum generator is enabled. All complete bytes that are
transmitted after this time are used in the checksum calculation.
When this bit goes from "1" to "0", the checksum generator will complete its calculations on the
current byte and the result will be sent as the next two bytes of transmitted data.
In the Rx mode, the "0" to "1" transition of the CHKSUM bit is used at the start of the next byte
received at DEMODIN to manually reset the Rx checksum calculation, see Figure 4. The calculation
can also be reset automatically by a SYNC, SYNT, or RX SYNC WORD detection - see section 5.2.5.
In this case, the Rx checksum calculation starts with the first data byte after the 2-byte sync word has
been detected. The CHKSUM bit can be reset to "0" at any time. The result of the checksum is made
available in the STATUS Register after the reception of every complete byte (See section 5.3.1).
Note that the device is designed to work with any message length, and as a consequence it is not
aware of the position of the checksum within the incoming data message. It thus performs a
checksum assessment after every received byte. The controlling software should use its knowledge
of the system message length in order to determine which RXSUMF reading is valid, i.e. after the
second of the two checksum bytes has been received.
The timing of data bytes relative to the checksum bit is shown in Figure 3 and Figure 4.
READ STATUS
REGISTER
Tx OUTPUT
CHECKSUM based on bytes 3, 4, 5.
TXDATAF (bit 3)
STATUS REGISTER
1
2
34
5
2 - BYTE
CHECKSUM
67
CHKSUM (bit 7)
CONTROL 2 REGISTER
WRITE TO
Tx DATA BUFFER
12
5
6
7
3
4
Figure 3: Checksum Generation in Tx Mode
READ STATUS
REGISTER
RXDATAF (bit 4)
STATUS REGISTER
DEMODIN
(Rx Data)
1
READ Rx
DATA BUFFER
0
23
4
56
7
CHKSUM (bit 7)
CONTROL 2 REGISTER
1
2
3
4
4
CHECK
CHECK
CHECK
CHECK
5
4+
5
7
6
++
4 5 6
++ +
4 5
7
6
RXSUMF (bit 6)
STATUS REGISTER
Figure 4: Checksum Calculation in Rx Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com