Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB829 Datasheet(PDF) 22 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 22 Page - CML Microcircuits

Back Button DB829 Datasheet HTML 18Page - CML Microcircuits DB829 Datasheet HTML 19Page - CML Microcircuits DB829 Datasheet HTML 20Page - CML Microcircuits DB829 Datasheet HTML 21Page - CML Microcircuits DB829 Datasheet HTML 22Page - CML Microcircuits DB829 Datasheet HTML 23Page - CML Microcircuits DB829 Datasheet HTML 24Page - CML Microcircuits DB829 Datasheet HTML 25Page - CML Microcircuits DB829 Datasheet HTML 26Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Baseband Signal Processor
22
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Notes
Min.
Typ.
Max.
Units
Amp 1 and Amp 2
Open Loop Gain (INPUT = 1mV at 100Hz)
70
dB
Unity Gain Bandwidth
5.0
MHz
Input Impedance (at 100Hz)
10
M
Ω
Output Impedance
Open Loop
6.0
k
Ω
Closed Loop
600
Ω
Distortion (DTMF)
2
5
%
MSK/DTMF TX OUT
Tx output impedance (not powersaved)
3
1.0
2.5
k
Ω
Tx output impedance (powersaved)
3
300
500
k
Ω
Signal Level
MSK
1
-1
0
1
dB
DTMF High Tone
1
2.0
dB
DTMF Low Tone
1
0
dB
Distortion (DTMF)
2
5
%
MSK TX OUT
Isochronous Distortion:
(1200Hz - 1800Hz)
25
40
µs
(1800Hz - 1200Hz)
25
40
µs
(1200Hz - 2400Hz)
20
30
µs
(2400Hz - 1200Hz)
20
30
µs
Third Harmonic Distortion
2
3
%
Deviation Limiter
Threshold
1
1300
mVP-P
Gain
-0.5
0.5
dB
Transmitter Modulator Drives
Input Impedance (MOD1 IN, VOLUME IN at 100Hz)
15.0
k
Ω
Mod.1 Attenuator
Nominal Adjustment Range
0
12.0
dB
Attenuation Accuracy
-1.0
1.0
dB
Step Size
0.2
0.4
0.6
dB
Output Impedance
3
600
Ω
Mod.2 Attenuator
Nominal Adjustment Range
0
6.0
dB
Attenuation Accuracy
-0.6
0.6
dB
Step Size
0.1
0.2
0.3
dB
Output Impedance
3
600
Ω
Audio Output Attenuator
Nominal Adjustment Range
0
48.0
dB
Attenuation Accuracy
-1.5
1.5
dB
Step Size
1.6
dB
Output Impedance
3
600
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com