Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB829 Datasheet(PDF) 11 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button DB829 Datasheet HTML 7Page - CML Microcircuits DB829 Datasheet HTML 8Page - CML Microcircuits DB829 Datasheet HTML 9Page - CML Microcircuits DB829 Datasheet HTML 10Page - CML Microcircuits DB829 Datasheet HTML 11Page - CML Microcircuits DB829 Datasheet HTML 12Page - CML Microcircuits DB829 Datasheet HTML 13Page - CML Microcircuits DB829 Datasheet HTML 14Page - CML Microcircuits DB829 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Baseband Signal Processor
11
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.2.4 AUDIO ATTENUATION Register (Hex Address $13)
The five least significant bits in this register are used to set the attenuation of the audio volume control according to the
table below:
4
3
2
1
0
Audio Attenuation
00
00
0
Off
0
0
0
0
1
48.0dB
0
0
0
1
0
46.4dB
0
0
0
1
1
44.8dB
0
0
1
0
0
43.2dB
0
0
1
0
1
41.6dB
0
0
1
1
0
40.0dB
0
0
1
1
1
38.4dB
0
1
0
0
0
36.8dB
0
1
0
0
1
35.2dB
0
1
0
1
0
33.6dB
0
1
0
1
1
32.0dB
0
1
1
0
0
30.4dB
0
1
1
0
1
28.8dB
0
1
1
1
0
27.2dB
0
1
1
1
1
25.6dB
1
0
0
0
0
24.0dB
1
0
0
0
1
22.4dB
1
0
0
1
0
20.8dB
1
0
0
1
1
19.2dB
1
0
1
0
0
17.6dB
1
0
1
0
1
16.0dB
1
0
1
1
0
14.4dB
1
0
1
1
1
12.8dB
1
1
0
0
0
11.2dB
11
00
1
9.6dB
11
01
0
8.0dB
11
01
1
6.4dB
11
10
0
4.8dB
11
10
1
3.2dB
11
11
0
1.6dB
11
11
1
0dB
Note:
Bits 5, 6 and 7 should always be set to "0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com