Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB829 Datasheet(PDF) 13 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button DB829 Datasheet HTML 9Page - CML Microcircuits DB829 Datasheet HTML 10Page - CML Microcircuits DB829 Datasheet HTML 11Page - CML Microcircuits DB829 Datasheet HTML 12Page - CML Microcircuits DB829 Datasheet HTML 13Page - CML Microcircuits DB829 Datasheet HTML 14Page - CML Microcircuits DB829 Datasheet HTML 15Page - CML Microcircuits DB829 Datasheet HTML 16Page - CML Microcircuits DB829 Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Baseband Signal Processor
13
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.2.7 MOD LEVELS Register (Hex address $12)
The six least significant bits of the first byte in this register are used to set the attenuation of the Modulator 1 amplifier and
the five least significant bits of the second byte in this register are used to set the attenuation of the Modulator 2 amplifier,
according to the tables below:
5
4
3
2
1
0
Mod. 1 Attenuation
4
3
2
1
0
Mod. 2 Attenuation
0
X
X
X
X
X
Disabled (VBIAS)
1
0
0
0
0
0
>40dB
0
0
0
0
0
>40dB
10
00
01
12.0dB
00
00
1
6.0dB
10
00
10
11.6dB
00
01
0
5.8dB
10
00
11
11.2dB
00
01
1
5.6dB
10
01
00
10.8dB
00
10
0
5.4dB
10
01
01
10.4dB
00
10
1
5.2dB
10
01
10
10.0dB
00
11
0
5.0dB
10
01
11
9.6dB
00
11
1
4.8dB
10
10
00
9.2dB
01
00
0
4.6dB
10
10
01
8.8dB
01
00
1
4.4dB
10
10
10
8.4dB
01
01
0
4.2dB
10
10
11
8.0dB
01
01
1
4.0dB
10
11
00
7.6dB
01
10
0
3.8dB
10
11
01
7.2dB
01
10
1
3.6dB
10
11
10
6.8dB
01
11
0
3.4dB
10
11
11
6.4dB
01
11
1
3.2dB
11
00
00
6.0dB
10
00
0
3.0dB
11
00
01
5.6dB
10
00
1
2.8dB
11
00
10
5.2dB
10
01
0
2.6dB
11
00
11
4.8dB
10
01
1
2.4dB
11
01
00
4.4dB
10
10
0
2.2dB
11
01
01
4.0dB
10
10
1
2.0dB
11
01
10
3.6dB
10
11
0
1.8dB
11
01
11
3.2dB
10
11
1
1.6dB
11
10
00
2.8dB
11
00
0
1.4dB
11
10
01
2.4dB
11
00
1
1.2dB
11
10
10
2.0dB
11
01
0
1.0dB
11
10
11
1.6dB
11
01
1
0.8dB
11
11
00
1.2dB
11
10
0
0.6dB
11
11
01
0.8dB
11
10
1
0.4dB
11
11
10
0.4dB
11
11
0
0.2dB
11
11
11
0dB
11
11
1
0dB
X = don't care
MOD1 ENABLE
(Bit 5, first byte)
When this bit is "1" the MOD1 attenuator is enabled.
When this bit is "0" the MOD1 attenuator is disabled (i.e. powersaved).
Bits 6 and 7 in the first byte and bits 5, 6 and 7 in the second byte should always be set to "0". MOD
LEVELS (1) register is loaded first.
Note: The MOD2 attenuator is enabled by the AMP2 ENABLE signal (bit 6 of CONTROL1 register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com