Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB829 Datasheet(PDF) 1 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 1 Page - CML Microcircuits

  DB829 Datasheet HTML 1Page - CML Microcircuits DB829 Datasheet HTML 2Page - CML Microcircuits DB829 Datasheet HTML 3Page - CML Microcircuits DB829 Datasheet HTML 4Page - CML Microcircuits DB829 Datasheet HTML 5Page - CML Microcircuits DB829 Datasheet HTML 6Page - CML Microcircuits DB829 Datasheet HTML 7Page - CML Microcircuits DB829 Datasheet HTML 8Page - CML Microcircuits DB829 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
DATA BULLETIN
MX829 Baseband Signal Processor
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
PRELIMINARY INFORMATION
Features
Applications
• Rx Audio Processing
• Tx Audio Processing
• 1200/2400 Baud Modem
• DTMF Encoder
• Low Voltage Operation
• “C-BUS” Compatible
• Host µC Interface
• ETS/MPT/PAA Standards Compatible
• LMR/PAMR/PMR Trunked Systems
• Multi-standard Modem Formats
MX829
MSK MODEM
AUDIO PROCESSOR
DTMF ENCODER
LEVEL & VOLUME
CONTROLS
HOST µC
SERIAL BUS:
ANALOG Rx
Tx MOD 1
Tx MOD 2
RF
DISCRIMINATOR
MODULATOR
RADIO
DATA & CONTROL
The MX829 is a low voltage CMOS integrated circuit, designed to provide baseband audio and system signal-processing
functions required for LMR/PAMR/PMR trunked radio applications. The MX829 operates in half-duplex mode under the
serial-bus control of a host µC.
The MX829 incorporates a dual-rate 1200/2400bps MSK modem, with a software-flexible choice of synchronization
codewords, data run-length and CRC checking to suit a wide range of applications. These features allow very flexible
handling of user defined data on traffic channels in addition to the network signaling sent on control channels. A 16
character DTMF encoder is available in the transmit mode. Software programmable output level-adjustment facilitates
two-point modulation circuits.
The audio processing stages include transmit and receive filtering (based on standards specified for 12.5kHz and 25kHz
LMR/PAMR/PMR channel operation), transmit deviation limiting, and a programmable Rx volume control. Power saving is
automatic when audio functions are disabled.
The MX829 is designed for use in radios compatible with MPT1327, PAA1382 and ETS 300 086 Trunking Standards.
The features and flexibility of the MX829 ensure that it is equally suitable for use with modified or proprietary standards.
The MX829 is available in the following packages: 24-pin SSOP (MX829DS), 24-pin SOIC (MX829DW), and
24-pin PDIP (MX829P).


Similar Part No. - DB829

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
DB8 TEC-DB8 Datasheet
362Kb / 3P
Compact RFI High Current DC Inlet Connection
logo
DIOTEC Electronics Corp...
DB800 DEC-DB800 Datasheet
405Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
DB801 DEC-DB801 Datasheet
405Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
DB802 DEC-DB802 Datasheet
405Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
DB804 DEC-DB804 Datasheet
405Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
More results

Similar Description - DB829

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S4810 HAMAMATSU-S4810 Datasheet
165Kb / 4P
Low-voltage operation photo IC Operation at low voltage from 2.2 V
logo
Advanced Monolithic Sys...
AMS431 AMS-AMS431 Datasheet
599Kb / 8P
Low voltage operation (2.5V)
AMS431LV AMS-AMS431LV Datasheet
600Kb / 8P
Low voltage operation (2.5V)
logo
Hamamatsu Corporation
S10317_ETC_KPIC1067E04 HAMAMATSU-S10317_ETC_KPIC1067E04 Datasheet
368Kb / 5P
Low voltage operation
logo
ATMEL Corporation
AT93C56 ATMEL-AT93C56_14 Datasheet
377Kb / 21P
Low-voltage and Standard-voltage Operation
logo
Infineon Technologies A...
BFR360L3 INFINEON-BFR360L3_13 Datasheet
611Kb / 8P
Low voltage/ Low current operation
2013-09-03
logo
Seiko Instruments Inc
S-5712ANDL0-M3T1U SII-S-5712ANDL0-M3T1U Datasheet
1Mb / 30P
LOW VOLTAGE OPERATION
logo
Hotchip Technology Co.,...
HT5115 HOTCHIP-HT5115 Datasheet
757Kb / 4P
Low voltage operation
HT5125F HOTCHIP-HT5125F Datasheet
856Kb / 5P
Low voltage operation
logo
Shenzhen Huazhimei Semi...
HM24C128 HMSEMI-HM24C128 Datasheet
584Kb / 15P
Low-voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com