Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB829 Datasheet(PDF) 18 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 18 Page - CML Microcircuits

Back Button DB829 Datasheet HTML 14Page - CML Microcircuits DB829 Datasheet HTML 15Page - CML Microcircuits DB829 Datasheet HTML 16Page - CML Microcircuits DB829 Datasheet HTML 17Page - CML Microcircuits DB829 Datasheet HTML 18Page - CML Microcircuits DB829 Datasheet HTML 19Page - CML Microcircuits DB829 Datasheet HTML 20Page - CML Microcircuits DB829 Datasheet HTML 21Page - CML Microcircuits DB829 Datasheet HTML 22Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Baseband Signal Processor
18
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
6.1 Programming the MX829
The MX829 should be programmed in the following manner:
1.
Perform a General Reset when first applying power to the MX829.
2.
Program the MX829 configuration while in powersave.
e.g.
UK/F, MIC, B/W, 1200/2400, DTMF0-3, DTMFHI, DTMFLO, TXIDLEM, RXDATAM, TXDATAM,
RX SYNC WORD PRIME, SYNT PRIME, SYNC PRIME, MOD1, MOD2, RX SYNC WORD and AUDIO
ATTENUATOR.
3.
Take the appropriate parts of the MX829 out of powersave by enabling:
AMP1, AMP2, MOD1, MOD2, AUDIO and (DTMFEN or MSKTX or MSKRX).
4.
In DTMF Tx mode, a DTMF tone will be generated for the duration that DTMFEN is set to “1”.
5.
In MSK Rx mode, wait for an interrupt ( IRQ = “0”) or poll the STATUS register. Remember that all status flags are
reset after reading the STATUS register.
A. If RXSYNCWORDF, SYNTF or SYNCF become set to “1”, the corresponding synchronization word has been
detected. This indicates the start of valid Rx data. The checksum calculation will be automatically reset. Note
that the timing of RXDATAF will be re-aligned by the generation of a SYNC, SYNT or RX SYNC WORD
interrupt.
B. When RXDATAF subsequently becomes set to “1”, read the Rx data from the RXDATA register. (Note that
RXDATAF will be set every 8 bits regardless of whether valid Rx data is being received or not. Sync and
checksum patterns should be considered for validating the data).
C. If RXSUMF becomes set to “1”, then all of the Rx data sent (starting after the synchronization word and
terminating with a checksum) will have been correctly received. Note that it is necessary to know in advance
what message length is expected, in order to determine at which point RXSUMF is valid (i.e. after the interrupt
for the second checksum data byte being received has occurred). The RXSUMF bit is invalid at all other times.
When RXSUMF becomes set to “1”, the last two bytes of Rx data received will represent the two-byte
checksum transmitted. The first checksum byte will already have been read from the RXDATA register, the last
byte is available to be read, as the RXDATAF bit will also have been set to “1”.
6.
In MSK Tx mode, wait for an interrupt ( IRQ = “0”) or poll the STATUS register. Remember that all status flags are
reset after reading the STATUS register.
A. Do not send Tx data until the TXDATAF bit has been set to “1”. When the TXDATAF bit is next set to “1”, write
the first byte of Tx data to the TXDATA register. If the transmit buffer is empty, this data will be transmitted
immediately, causing the TXDATAF bit to be set to “1” approximately one MSK bit-period after the TXDATA
register has been loaded with data. (Any TXIDLEF bit set upon entering MSK Tx mode should be ignored).
B. The next byte of Tx data should be written to the TXDATA register as soon as the TXDATAF bit has been set to
“1”. Once this has been done, the TXDATAF bit will again be set to “1” eight MSK bit-periods after the TXDATA
register was loaded with the second byte of data.
C. Subsequent bytes of Tx data should be written to the TXDATA register as soon as the TXDATAF bit has been
set to”1”. After the last byte of Tx data has been loaded, the TXDATAF bit will be set after both 8 and 16 MSK
bit-periods followed by the TXIDLEF bit which will be set approximately one MSK bit-period later, to indicate
that the final bit has been transmitted.
D. The TXDATAF bit will continue to be set every 8 MSK bit-periods, regardless of whether Tx data is written to
the TXDATA register or not, providing the transmitter is enabled (MSK Tx mode = MSKTX bit set to “1”). Note
that while the 2-byte checksum is being generated and transmitted, the TXDATAF bit will not be set for
approximately 24 MSK bit-periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com