Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB829 Datasheet(PDF) 23 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 23 Page - CML Microcircuits

Back Button DB829 Datasheet HTML 19Page - CML Microcircuits DB829 Datasheet HTML 20Page - CML Microcircuits DB829 Datasheet HTML 21Page - CML Microcircuits DB829 Datasheet HTML 22Page - CML Microcircuits DB829 Datasheet HTML 23Page - CML Microcircuits DB829 Datasheet HTML 24Page - CML Microcircuits DB829 Datasheet HTML 25Page - CML Microcircuits DB829 Datasheet HTML 26Page - CML Microcircuits DB829 Datasheet HTML 27Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Baseband Signal Processor
23
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Notes
Min.
Typ.
Max.
Units
MSK Receiver
Signal Input Dynamic Range (SNR = 50dB)
10, 11
100
230
1000
mVRMS
Bit Error Rate
SNR = 12dB at 1200 Baud
11
2.5
10-4
SNR = 12dB at 2400 Baud
11
1.5
10-3
SNR = 20dB at 1200/2400 Baud
11
1.0
10-8
Receiver Synchronization (SNR = 12dB)
12
Probability of Bit 16 being correct
0.995
%
Carrier Detect
Sensitivity
12, 13
150
mVRMS
Probability of Carrier Detection
After Bit 16 (SNR = 12dB)
0.995
%
With 230mVRMS Noise (No Signal)
0.05
%
Miscellaneous Impedance
FILTER OUT
600
Ω
Tx Audio Input (MIC) (at 100Hz)
10
M
Ω
Xtal/Clock Input
'High' pulse width
4
40
ns
'Low' pulse width
4
40
ns
Input Impedance (at 100Hz)
10
M
Ω
Gain (INPUT = 1mVRMS at 100Hz)
20
dB
Operating Characteristics Notes:
1.
Signal levels are proportional to VDD.
2.
Not including any current drawn from the modem pins by external circuitry.
A. Powersaved = all functions disabled.
B. Tx or Rx = device configured into any half-duplex operating mode.
3.
Small signal impedance. A minimum load resistance of 6k
Ω is suggested.
4.
Timing for an external input to the XTAL/CLOCK pin.
5.
Between MIC or AMP1 inputs to Modulator and Audio outputs, see Figure 12 and Figure 13.
6.
It is recommended that these output levels are used to produce 60% or 100% deviation in the transmitter.
7.
With the Tx Audio input level 20dB above the level required to produce 0dB at the Output Drives.
8.
With output gains set to 0dB.
9.
IRQ pin.
10. See Figure 16 (variation of BER with Input Signal Level).
11. SNR = Signal to Noise Ratio in the Bit Rate Bandwidth.
12. For a "10101010101 ...01" pattern.
13. Measured with a 150mVRMS input signal (no noise).
14. dBp represents a psophometrically weighted measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com