Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB829 Datasheet(PDF) 21 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button DB829 Datasheet HTML 17Page - CML Microcircuits DB829 Datasheet HTML 18Page - CML Microcircuits DB829 Datasheet HTML 19Page - CML Microcircuits DB829 Datasheet HTML 20Page - CML Microcircuits DB829 Datasheet HTML 21Page - CML Microcircuits DB829 Datasheet HTML 22Page - CML Microcircuits DB829 Datasheet HTML 23Page - CML Microcircuits DB829 Datasheet HTML 24Page - CML Microcircuits DB829 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Baseband Signal Processor
21
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
7.1.3 Operating Characteristics
For the following conditions unless otherwise specified:
Xtal Frequency = 4.032MHz, Bit Rate = 1.2k bits/sec, Noise Bandwidth = Bit Rate,
Audio Level 0dB ref. = 308mVrms at 1kHz, VDD = 5.0V, TAMB = 25°C.
Notes
Min.
Typ.
Max.
Units
DC Parameters
IDD (Tx or Rx) (VDD = 3.3V)
2
2.7
4.0
mA
IDD (DTMF encode off for either Tx or Rx) (VDD = 5.0V)
2
5.0
8.0
mA
IDD (DTMF encode on for either Tx or Rx) (VDD = 5.0V)
2
9
mA
IDD (Powersaved) (VDD = 3.3V)
2
0.3
1.0
mA
IDD (Powersaved) (VDD = 5.0V)
2
0.6
1.5
mA
"C-BUS" Interface
Input Logic "1"
70%
VDD
Input Logic "0"
30%
VDD
Input Leakage Current (logic "1" or "0")
-1.0
1.0
µA
Input Capacitance
7.5
pF
Output Logic "1" (IOH = 120µA)
90%
VDD
Output Logic "0" (IOL = 360µA)
10%
VDD
"Off" State Leakage Current (VOUT = VDD)9
10
µA
AC Parameters
Input Sensitivity (for 0dB output)
Tx Audio Input (MIC)
8
308
mVRMS
Rx Audio Input (DEMODFB)
8
308
mVRMS
Output Drive Level
For 60% Deviation
1, 6, 8
291
308
326
mVRMS
For 100% Deviation
1, 6, 7, 8
1440
mVP-P
Audio Filters
Gain at 1kHz
5
0
dB
Passband Ripple
5
-2.0
0.5
dB
SINAD
5, 14
59
dBp
Signal Path Noise
5
-55
dB
Narrow Audio Bandwidth Setting
Passband Frequencies
5
300
2550
Hz
Stopband Attenuation
(f = 100Hz)
5
3.0
dB
(f = 3400Hz)
5
5.5
dB
(f = 6000Hz)
5
10.5
24
dB
(f = 12500Hz)
5
25
49
dB
Wide Audio Bandwidth Setting
Passband Frequencies
5
300
3000
Hz
Stopband Attenuation:
(f = 100Hz)
5
3.0
dB
(f = 3400Hz)
5
3.0
dB
(f = 6000Hz)
5
10.5
19
dB
(f = 25000Hz)
5
39.5
68
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com