Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB829 Datasheet(PDF) 12 Page - CML Microcircuits

Part # DB829
Description  Low Voltage Operation
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB829 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button DB829 Datasheet HTML 8Page - CML Microcircuits DB829 Datasheet HTML 9Page - CML Microcircuits DB829 Datasheet HTML 10Page - CML Microcircuits DB829 Datasheet HTML 11Page - CML Microcircuits DB829 Datasheet HTML 12Page - CML Microcircuits DB829 Datasheet HTML 13Page - CML Microcircuits DB829 Datasheet HTML 14Page - CML Microcircuits DB829 Datasheet HTML 15Page - CML Microcircuits DB829 Datasheet HTML 16Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Baseband Signal Processor
12
MX829 PRELIMINARY INFORMATION
© 1998 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480160.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.2.5 CONTROL 3 / IRQ ENABLE Register (Hex address $40)
This register is a mixture of control bits and interrupt mask bits, as detailed below:
Bit 7
Not used, set to zero.
1200/2400
(Bit 6)
When this bit is "1", the MSK Rx and Tx are set to operate at 1200 baud.
When this bit it "0", the MSK Rx and Tx are set to operate at 2400 baud.
TXIDLEM
(Bit 5)
When this bit is "1", the TXIDLE interrupt will be gated out to the IRQ pin.
When this bit is "0", the TXIDLE interrupt will be inhibited. This bit has no effect on the contents of the
STATUS register.
RXDATAM
(Bit 4)
When this bit is "1", the RXDATA interrupt will be gated out to the IRQ pin.
When this bit is "0", the RXDATA interrupt will be inhibited. This bit has no effect on the contents of
the STATUS register.
TXDATAM
(Bit 3)
When this bit is "1", the TXDATA interrupt will be gated out to the IRQ pin.
When this bit is "0", the TXDATA interrupt will be inhibited. This bit has no effect on the contents of
the STATUS register.
RX SYNC WORD
PRIME
(Bit 2)
When this bit is set to "1", it enables the RX SYNC WORD detection.
It is cleared/disabled when a SYNC, SYNT, or RX SYNC WORD is detected.
It may also be cleared/disabled by writing "0" directly to this bit.
SYNT PRIME
(Bit 1)
When this bit is set to "1", it enables the SYNT detection.
It is cleared/disabled when a SYNC, SYNT, or RX SYNC WORD is detected.
It may also be cleared/disabled by writing "0" directly to this bit.
SYNC PRIME
(Bit 0)
When this bit is set to "1", it enables the SYNC detection.
It is cleared/disabled when a SYNC, SYNT, or RX SYNC WORD is detected.
It may also be cleared/disabled by writing "0" directly to this bit.
5.2.6 TXDATA Register (Hex Address $43)
This is the Tx data output register. It is double buffered, thus giving the user up to 8 bit periods to load in the next 8 bits.
MSK data is transmitted immediately it is loaded if the transmitter is idle. Data is transmitted in 8-bit bytes, bit 7 (MSB) will
be transmitted first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com