Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2735XMF/NOPB Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 29Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 30Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 31Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 32Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 33Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 34Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 35Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 36Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
EN
VPWR
5
4
1
3
2
VIN
1
C
3
R
3
C
1
L
1
D
2
C
4
C
1
R
2
R
LM2735
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
8.2.17 LM2735X SOT-23 LED Design Example 17 Two-Input Voltage Rail Application
Figure 38. LM2735X (1.6 MHz): VPWR = 9 V in = 2.7 V - 5.5 V, VOUT = 12 V at 500 mA
PART ID
PART VALUE
MANUFACTURER
PART NUMBER
U1
2.1-A Boost Regulator
TI
LM2735XMF
C1, Input Capacitor
10 µF, 6.3 V, X5R
TDK
C2012X5R0J106K
C2, Output Capacitor
10 µF, 25 V, X5R
TDK
C3216X5R1E106M
C3 VIN Capacitor
0.1 µF, 6.3 V, X5R
TDK
C2012X5R0J104K
C4 Comp Capacitor
1000 pF
TDK
C1608X5R1H102K
D1, Catch Diode
0.4 Vf Schottky 1 A, 20 VR
ST
STPS120M
L1
6.8 µH 2 A
Coilcraft
DO1813H-682ML
R1
10.0 k
Ω, 1%
Vishay
CRCW08051002F
R2
86.6 k
Ω, 1%
Vishay
CRCW08058662F
R3
100 k
Ω, 1%
Vishay
CRCW06031003F
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com