Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2735XMF/NOPB Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 44 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 40Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 41Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 42Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 43Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 44Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 45Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 46Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 47Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
D
2
x
x
=
RDSON
¸¸
¹
·
¨¨
©
§
D'
IO
P
NFET
-
COND
Isw-rms = IIND D
1 +
'i
IIND
1
3
2
x
IIND
|
PIND = IIN
2 x R
IND-DCR
D
t
i
I
I
( )
t
sw
LM2735, LM2735-Q1
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
www.ti.com
Thermal Considerations (continued)
The LM2735 conduction loss is mainly associated with the internal NFET:
PCOND-NFET = I
2
SW-rms × RDSON × D
(40)
Figure 49. LM2735 Switch Current
(small ripple approximation)
(41)
PCOND-NFET = IIN
2 × R
DSON × D
(42)
(43)
The value for should be equal to the resistance at the junction temperature you wish to analyze. As an example,
at 125°C and VIN = 5 V, RDSON = 250 mΩ (see Typical Characteristics for value).
Switching losses are also associated with the internal NMOS switch. They occur during the switch on and off
transition periods, where voltages and currents overlap resulting in power loss.
The simplest means to determine this loss is to empirically measuring the rise and fall times (10% to 90%) of the
switch at the switch node:
PSWR = 1/2(VOUT × IIN × FSW × TRISE)
(44)
PSWF = 1/2(VOUT × IIN × FSW × TFALL)
(45)
PSW = PSWR + PSWF
(46)
Table 2. Typical Switch-Node Rise and Fall Times
VIN
VOUT
TRISE
TFALL
3 V
5 V
6 nS
4 nS
5 V
12 V
6 nS
5 nS
3 V
12 V
7 nS
5 nS
5 V
18 V
7 nS
5 nS
Quiescent Power Losses:
IQ is the quiescent operating current, and is typically around 4 mA.
PQ = IQ x VIN
(47)
44
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com