Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2735XMF/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 20Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 21Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 22Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 23Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 24Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 25Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 26Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 27Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
GND
FB
Vin
SW
1
C
20V
3
2
1
4
5
3
R
1
L
1
D
2
C
2
R
1
R
LOAD
R
3
C
VIN
SHDN
LM2735, LM2735-Q1
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
www.ti.com
8.2.8 LM2735X SOT-23 Design Example 8
Figure 29. LM2735X (1.6 MHz): VIN = 3.3 V, Vout = 20 V at 100 mA
PART ID
PART VALUE
MANUFACTURER
PART NUMBER
U1
2.1-A Boost Regulator
TI
LM2735XMF
C1, Input Capacitor
22 µF, 6.3 V, X5R
TDK
C2012X5R0J226M
C2, Output Capacitor
4.7 µF, 25 V, X5R
TDK
C3216X5R1E475K
C3 Comp Capacitor
470 pF
TDK
C1608X5R1H471K
D1, Catch Diode
0.4 Vf Schottky 500 mA, 30 VR
Vishay
MBR0530
L1
10 µH 1.2 A
Coilcraft
DO1608C-103ML
R1
10.0 k
Ω, 1%
Vishay
CRCW06031002F
R2
150 k
Ω, 1%
Vishay
CRCW06031503F
R3
100 k
Ω, 1%
Vishay
CRCW06031003F
24
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com