Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2735XMF/NOPB Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 31Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 32Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 33Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 34Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 35Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 36Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 37Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 38Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
+
-
sw
i
i
)
t
(
1
L
1
L
R
v
L1( )
t
IN
V
2
L
R
i
)
t
(
2
L
i
)
t
(
1
D
+
-
v
C1( )
t
v
D1( )
t
v
L2( )
t
on
R
i
)
t
(
2
C
v
C2( )
t
v
O( )
t
i
)
t
(
1
C
D
D
'
=
(
)
Vo
VIN
D
D
V
'
C1 =
(
)
Vo
2
AREA
1
AREA
S
T
S
DT
( )
t
L
V
(s)
t
I
R
VO
L2 =
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
Substituting IL1 into IL2
(20)
The average inductor current of L2 is the average output load.
Figure 40. Inductor Volt-Sec Balance Waveform
Applying Charge balance on C1:
(21)
Since there are no DC voltages across either inductor, and capacitor C6 is connected to Vin through L1 at one
end, or to ground through L2 on the other end, we can say that
VC1 = VIN
(22)
Therefore:
(23)
This verifies the original conversion ratio equation.
It is important to remember that the internal switch current is equal to IL1 and IL2. During the D interval. Design
the converter so that the minimum specified peak switch current limit (2.1 A) is not exceeded.
8.2.18.1.3
Steady State Analysis With Loss Elements
Using inductor volt-second balance & capacitor charge balance, the following equations are derived:
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com