Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2735XMF/NOPB Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 47 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 43Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 44Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 45Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 46Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 47Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 48Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 49Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 50Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
0
0.1
0.2
0.3
0.4
0.5 0.6
0.7
0.8
0
500
PDISS
50
100
150
200
250
300
350
400
450
:
=
T
JA
R
P
n
Dissipatio
- A
T
J
T
=
<
JC
R
P
n
Dissipatio
- Case-Top
T
J
T
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
10.3.5.2 Example From Previous Calculations
PDissipation = 475 mW
TA at Shutdown = 139°C
TCase-Top at Shutdown = 155°C
(61)
RθJA WSON = 55°C/W
RψJC WSON = 21°C/W
WSON & MSOP-PowerPAD typical applications will produce RθJA numbers in the range of 50°C/W to 65°C/W,
and RψJC will vary from 18°C/W to 28°C/W. These values are for PCB’s with two and four layer boards with 0.5-
oz copper, and 4 to 6 thermal vias to bottom side ground plane under the DAP.
For 5-pin SOT-23 package typical applications, RθJA numbers will range from 80°C/W to 110°C/W, and RψJC will
vary from 50°C/W to 65°C/W. These values are for PCBs with 2- and 4-layer boards with 0.5-oz copper, with 2 to
4 thermal vias from GND pin to bottom layer.
The following is a good rule of thumb for typical thermal impedances, and an ambient temperature maximum of
75°C: if the design requires more than 400 mW internal to the LM2735 be dissipated, or there is 750 mW of total
power loss in the application, TI recommends using the 6-pin WSON or the 8-pin MSOP-PowerPAD package.
NOTE
To use these procedures, it is important to dissipate an amount of power within the device
that will indicate a true thermal impedance value. If a very small internal dissipated value
is used, it can be determined that the thermal impedance calculated is abnormally high,
and subject to error. The graph below shows the nonlinear relationship of internal power
dissipation vs RθJA.
Figure 50. RθJA vs Internal Dissipation for the WSON
and MSOP-PowerPAD Package
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com