Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2735XMF/NOPB Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 45 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 41Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 42Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 43Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 44Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 45Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 46Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 47Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 48Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
10.3.4.1 Example Efficiency Calculation
Table 3. Operating Conditions
PARAMETER
VALUE
VIN
5 V
VOUT
12 V
IOUT
500 mA
VD
0.4 V
FSW
1.60 MHz
IQ
4 mA
TRISE
6 nS
TFALL
5 nS
RDSon
250 m
Ω
RDCR
50 m
Ω
D
0.64
IIN
1.4 A
ΣPCOND + PSW + PDIODE + PIND + PQ = PLOSS
(48)
Quiescent Power Losses:
PQ = IQ × VIN = 20 mW
(49)
Switching Power Losses:
PSWR = 1/2(VOUT × IIN × FSW × TRISE) ≊ 6 ns ≊ 80 mW
(50)
PSWF = 1/2(VOUT × IIN × FSW × TFALL) ≊ 5 ns ≊ 70 mW
(51)
PSW = PSWR + PSWF = 150 mW
(52)
Internal NFET Power Losses:
RDSON = 250 mΩ
(53)
PCONDUCTION = IIN
2 × D × R
DSON × 305 mW
(54)
Diode Losses:
VD = 0.45 V
(55)
PDIODE = VD × IIN(1–D) = 236 mW
(56)
Inductor Power Losses:
RDCR = 75 mΩ
(57)
PIND = IIN
2 × R
DCR = 145 mW
(58)
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com