Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2735XMF/NOPB Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 41 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 37Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 38Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 39Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 40Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 41Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 42Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 43Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 44Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
( )
t
L
I
( )
t
OUT
V
1
L
1
D
1
Q
1
C
IN
V
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
Thermal Considerations (continued)
RθJA [Variables]:
•
Input voltage, output voltage, output current, RDSon.
•
Ambient temperature and air flow.
•
Internal and external components power dissipation.
•
Package thermal limitations.
•
PCB variables (copper weight, thermal vias, layers component placement).
It is incorrect to assume that the top case temperature is the proper temperature when calculating RθJC value.
The RθJC value represents the thermal impedance of all six sides of a package, not just the top side. This
document will refer to a thermal impedance called RψJC. RψJC represents a thermal impedance associated with
just the top case temperature. This will allow one to calculate the junction temperature with a thermal sensor
connected to the top case.
10.3.2 PCB Design With Thermal Performance in Mind
The PCB design is a very important step in the thermal design procedure. The LM2735 is available in three
package options (5-pin SOT-23, 8-pin MSOP-PowerPAD, and 6-pin WSON). The options are electrically the
same, but difference between the packages is size and thermal performance. The WSON and MSOP-PowerPAD
have thermal Die Attach Pads (DAP) attached to the bottom of the packages, and are therefore capable of
dissipating more heat than the SOT-23 package. It is important that the correct package for the application is
chosen. A detailed thermal design procedure has been included in this data sheet. This procedure will help
determine which package is correct, and common applications will be analyzed.
There is one significant thermal PCB layout design consideration that contradicts a proper electrical PCB layout
design consideration. This contradiction is the placement of external components that dissipate heat. The
greatest external heat contributor is the external Schottky diode. It would be ideal to be able to separate by
distance the LM2735 from the Schottky diode, and thereby reducing the mutual heating effect, however, this will
create electrical performance issues. It is important to keep the LM2735, the output capacitor, and Schottky
diode physically close to each other (see Figure 44). The electrical design considerations outweigh the thermal
considerations. Other factors that influence thermal performance are thermal vias, copper weight, and number of
board layers.
10.3.3 LM2735 Thermal Models
Heat is dissipated from the LM2735 and other devices. The external loss elements include the Schottky diode,
inductor, and loads. All loss elements will mutually increase the heat on the PCB, and therefore increase each
other’s temperatures.
Figure 47. Thermal Schematic
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com