Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2735XMF/NOPB Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 46 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 42Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 43Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 44Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 45Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 46Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 47Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 48Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 49Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
=
<
JC
R
P
n
Dissipatio
- CASE
T
J
T
and
=
T
JA
R
P
n
Dissipatio
- A
T
J
T
LM2735, LM2735-Q1
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
www.ti.com
Total Power Losses are:
Table 4. Power Loss Tabulation
PARAMETER
VALUE
PARAMETER
VALUE
VIN
5 V
VOUT
12 V
IOUT
500 mA
POUT
6 W
VD
0.4 V
PDIODE
236 mW
FSW
1.6 MHz
TRISE
6 nS
PSWR
80 mW
TFALL
5 nS
PSWF
70 mW
IQ
4 mA
PQ
20 mW
RDSon
250 m
Ω
PCOND
305 mW
RDCR
75 m
Ω
PIND
145 mW
D
0.623
η
86%
PLOSS
856 mW
PINTERNAL = PCOND + PSW = 475 mW
(59)
10.3.5 Calculating RθJA and RΨJC
(60)
Now the internal power dissipation is known, and the junction temperature is attempted to be kept at or below
125°C. The next step is to calculate the value for RθJA and/or RψJC. This is actually very simple to accomplish,
and necessary if marginality is a possibility in regards to thermals or determining what package option is correct.
The LM2735 has a thermal shutdown comparator. When the silicon reaches a temperature of 160°C, the device
shuts down until the temperature reduces to 150°C. Knowing this, the RθJA or the RψJC of a specific application
can be calculated. Because the junction-to-top case thermal impedance is much lower than the thermal
impedance of junction to ambient air, the error in calculating RψJC is lower than for RθJA . However, a small
thermocouple will need to be attached onto the top case of the LM2735 to obtain the RψJC value.
Knowing the temperature of the silicon when the device shuts down allows three of the four variables to be
known. Once the thermal impedance is calculated, work backwards with the junction temperature set to 125°C to
determine what maximum ambient air temperature keeps the silicon below the 125°C temperature.
10.3.5.1 Procedure
Place the application into a thermal chamber. Sufficient power will need to be dissipated in the device so that a
good thermal impedance value may be obtained.
Raise the ambient air temperature until the device goes into thermal shutdown. Record the temperatures of the
ambient air and/or the top case temperature of the LM2735. Calculate the thermal impedances.
46
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com