Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2735XMF/NOPB Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 36Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 37Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 38Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 39Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 40Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 41Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 42Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 43Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
=
6
JA
R
P
n
Dissipatio
- A
T
J
T
Internal
R
A
T
C
T
DISS
P
-
C
A
6
C -
R
CASE
6
J -
C
CASE
6
J-
A
6
C -
J
T
LM2735, LM2735-Q1
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
www.ti.com
Thermal Considerations (continued)
10.3.1 Definitions
Heat energy is transferred from regions of high temperature to regions of low temperature through three basic
mechanisms: radiation, conduction and convection.
Radiation
Electromagnetic transfer of heat between masses at different temperatures.
Conduction Transfer of heat through a solid medium.
Convection Transfer of heat through the medium of a fluid; typically air.
Conduction & Convection will be the dominant heat transfer mechanism in most applications.
RθJC
Thermal impedance from silicon junction to device case temperature.
RθJA
Thermal impedance from silicon junction to ambient air temperature.
CθJC
Thermal Delay from silicon junction to device case temperature.
CθCA
Thermal Delay from device case to ambient air temperature.
RθJA & RθJC These two symbols represent thermal impedances, and most data sheets contain associated
values for these two symbols. The units of measurement are °C/Watt.
RθJAis the sum of smaller thermal impedances (see Figure 46). The capacitors represent delays that are present
from the time that power and its associated heat is increased or decreased from steady state in one medium until
the time that the heat increase or decrease reaches steady state on the another medium.
Figure 46. Simplified Thermal Impedance Model
The datasheet values for these symbols are given so that one might compare the thermal performance of one
package against another. In order to achieve a comparison between packages, all other variables must be held
constant in the comparison (PCB size, copper weight, thermal vias, power dissipation, VIN, VOUT, Load Current,
and so forth). This does shed light on the package performance, but it would be a mistake to use these values to
calculate the actual junction temperature in your application.
(29)
We will talk more about calculating the variables of this equation later, and how to eventually calculate a proper
junction temperature with relative certainty. For now we need to define the process of calculating the junction
temperature and clarify some common misconceptions.
40
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com