Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2735XMF/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735XMF/NOPB
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735XMF/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2735XMF/NOPB Datasheet HTML 10Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 11Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 12Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 13Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 15Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 16Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 17Page - Texas Instruments LM2735XMF/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
GND
FB
Vin
SW
EN
1
C
12V
3
2
1
4
5
3
R
1
L
1
D
2
C
2
R
1
R
LOAD
R
3
C
VIN
LM2735, LM2735-Q1
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
www.ti.com
7.4 Device Functional Modes
7.4.1 Enable Pin and Shutdown Mode
The LM2735 has a shutdown mode that is controlled by the Enable pin (EN). When a logic low voltage is applied
to EN, the part is in shutdown mode and its quiescent current drops to typically 80 nA. Switch leakage adds up to
another 1 µA from the input supply. The voltage at this pin should never exceed VIN + 0.3 V.
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The device will operate with input voltage in the range of 2.7 V to 5.5 V and provide regulated output voltage.
This device is optimized for high-efficiency operation with minimum number of external components. For
component selection, see Detailed Design Procedure.
8.2 Typical Applications
8.2.1 LM2735X SOT-23 Design Example 1
Figure 18. LM2735X (1.6 MHz): VIN = 5 V, VOUT = 12 V @ 350 mA
8.2.1.1 Design Requirements
The device must be able to operate at any voltage within input voltage range.
The load current needs to be defined in order to properly size the inductor, input capacitor, and output capacitor.
The inductor must be able to handle full expected load current as well as the peak current generated during load
transients and start-up. The inrush current at startup will depend on the output capacitor selection. More details
are provided in Detailed Design Procedure.
The device has an enable pin (EN) that is used to enable and disable the device. This pin is active high and care
should be taken that voltage on this pin does not exceed VIN + 0.3 V.
14
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com