Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-20E/SS Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 42Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 43Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 44Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 45Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 46Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 47Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 48Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 49Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 160 page
background image
PIC16F62X
DS40300B-page 46
Preliminary
© 1999 Microchip Technology Inc.
FIGURE 6-3:
TIMER0 TIMING: INTERNAL CLOCK/PRESCALE 1:2
FIGURE 6-4:
TIMER0 INTERRUPT TIMING
PC-1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
PC
(Program
Counter)
Instruction
Fetch
TMR0
PC
PC+1
PC+2
PC+3
PC+4
PC+5
PC+6
T0
NT0+1
MOVWF TMR0
MOVF TMR0,W
MOVF TMR0,W MOVF TMR0,W
MOVF TMR0,W
MOVF TMR0,W
Write TMR0
executed
Read TMR0
reads NT0
Read TMR0
reads NT0
Read TMR0
reads NT0
Read TMR0
reads NT0
Read TMR0
reads NT0 + 1
T0+1
NT0
Instruction
Execute
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
1
1
OSC1
CLKOUT(3)
TMR0 timer
T0IF bit
(INTCON<2>)
FEh
GIE bit
(INTCON<7>)
INSTRUCTION FLOW
PC
Instruction
fetched
PC
PC +1
PC +1
0004h
0005h
Instruction
executed
Inst (PC)
Inst (PC-1)
Inst (PC+1)
Inst (PC)
Inst (0004h)
Inst (0005h)
Inst (0004h)
Dummy cycle
Dummy cycle
FFh
00h
01h
02h
Note 1: T0IF interrupt flag is sampled here (every Q1).
2: Interrupt latency = 3TCY, where TCY = instruction cycle time.
3: CLKOUT is available only in ER and INTRC (with clockout) oscillator modes.
Interrupt Latency Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com