Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-20E/SS Datasheet(PDF) 75 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 75 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 71Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 72Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 73Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 74Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 75Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 76Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 77Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 78Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 75
PIC16F62X
TABLE 12-5:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 1)
BAUD
RATE
(K)
FOSC = 20 MHz
SPBRG
value
(decimal)
16 MHz
SPBRG
value
(decimal)
10 MHz
SPBRG
value
(decimal)
7.16 MHz
SPBRG
value
(decimal)
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
9.6
9.615
+0.16
129
9.615
+0.16
103
9.615
+0.16
64
9.520
-0.83
46
19.2
19.230
+0.16
64
19.230
+0.16
51
18.939
-1.36
32
19.454
+1.32
22
38.4
37.878
-1.36
32
38.461
+0.16
25
39.062
+1.7
15
37.286
-2.90
11
57.6
56.818
-1.36
21
58.823
+2.12
16
56.818
-1.36
10
55.930
-2.90
7
115.2
113.636
-1.36
10
111.111
-3.55
8
125
+8.51
4
111.860
-2.90
3
250
250
0
4
250
0
3
NA
-
-
NA
-
-
625
625
0
1
NA
-
-
625
0
0
NA
-
-
1250
1250
0
0
NA
-
-
NA
-
-
NA
-
-
BAUD
RATE
(K)
FOSC = 5.068 MHz
SPBRG
value
(decimal)
4 MHz
SPBRG
value
(decimal)
3.579 MHz
SPBRG
value
(decimal)
1 MHz
SPBRG
value
(decimal)
32.768 kHz
SPBRG
value
(decimal)
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
9.6
9.6
0
32
NA
-
-
9.727
+1.32
22
8.928
-6.99
6
NA
-
-
19.2
18.645
-2.94
16
1.202
+0.17
207
18.643
-2.90
11
20.833
+8.51
2
NA
-
-
38.4
39.6
+3.12
7
2.403
+0.13
103
37.286
-2.90
5
31.25
-18.61
1
NA
-
-
57.6
52.8
-8.33
5
9.615
+0.16
25
55.930
-2.90
3
62.5
+8.51
0
NA
-
-
115.2
105.6
-8.33
2
19.231
+0.16
12
111.860
-2.90
1
NA
-
-
NA
-
-
250
NA
-
-
NA
-
-
223.721 -10.51
0
NA
-
-
NA
-
-
625
NA
-
-NA
-
-NA
-
-NA
-
-NA
-
-
1250
NA
-
-
NA
-
-
NA
-
-
NA
-
-
NA
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com