Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-20E/SS Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 48Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 49Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 50Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 51Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 52Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 53Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 54Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 55Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 160 page
background image
PIC16F62X
DS40300B-page 52
Preliminary
© 1999 Microchip Technology Inc.
FIGURE 7-2:
TIMER1 INCREMENTING EDGE
T1CKI
(Default high)
T1CKI
(Default low)
Note: Arrows indicate counter increments.
7.3
Timer1 Operation in Asynchronous
Counter Mode
If control bit T1SYNC (T1CON<2>) is set, the external
clock input is not synchronized. The timer continues to
increment asynchronous to the internal phase clocks.
The timer will continue to run during SLEEP and can
generate an interrupt on overflow which will wake-up
the processor. However, special precautions in soft-
ware are needed to read/write the timer (Section 7.3.2).
In asynchronous counter mode, Timer1 can not be
used as a time-base for capture or compare operations.
7.3.1
EXTERNAL CLOCK INPUT TIMING WITH
UNSYNCHRONIZED CLOCK
If control bit T1SYNC is set, the timer will increment
completely asynchronously. The input clock must meet
certain minimum high time and low time requirements.
Refer to the appropriate Electrical Specifications Sec-
tion, timing parameters 45, 46, and 47.
7.3.2
READING AND WRITING TIMER1 IN
ASYNCHRONOUS COUNTER MODE
Reading TMR1H or TMR1L while the timer is running,
from an external asynchronous clock, will guarantee a
valid read (taken care of in hardware). However, the
user should keep in mind that reading the 16-bit timer
in two 8-bit values itself poses certain problems since
the timer may overflow between the reads.
For writes, it is recommended that the user simply stop
the timer and write the desired values. A write conten-
tion may occur by writing to the timer registers while the
register is incrementing. This may produce an unpre-
dictable value in the timer register.
Reading
the
16-bit
value
requires
some
care.
Example 7-1 is an example routine to read the 16-bit
timer value. This is useful if the timer cannot be
stopped.
EXAMPLE 7-1:
READING A 16-BIT
FREE-RUNNING TIMER
; All interrupts are disabled
MOVF
TMR1H, W
;Read high byte
MOVWF
TMPH
;
MOVF
TMR1L, W
;Read low byte
MOVWF
TMPL
;
MOVF
TMR1H, W
;Read high byte
SUBWF
TMPH,
W
;Sub 1st read
; with 2nd read
BTFSC
STATUS,Z
;Is result = 0
GOTO
CONTINUE
;Good 16-bit read
;
; TMR1L may have rolled over between the read
; of the high and low bytes. Reading the high
; and low bytes now will read a good value.
;
MOVF
TMR1H, W
;Read high byte
MOVWF
TMPH
;
MOVF
TMR1L, W
;Read low byte
MOVWF
TMPL
;
; Re-enable the Interrupt (if required)
CONTINUE
;Continue with your code
7.4
Timer1 Oscillator
A crystal oscillator circuit is built in between pins T1OSI
(input) and T1OSO (amplifier output). It is enabled by
setting control bit T1OSCEN (T1CON<3>). The oscilla-
tor is a low power oscillator rated up to 200 kHz. It will
continue to run during SLEEP. It is primarily intended
for a 32 kHz crystal. Table 7-1 shows the capacitor
selection for the Timer1 oscillator.
The Timer1 oscillator is identical to the LP oscillator.
The user must provide a software time delay to ensure
proper oscillator start-up.
TABLE 7-1:
CAPACITOR SELECTION FOR
THE TIMER1 OSCILLATOR
Osc Type
Freq
C1
C2
LP
32 kHz
33 pF
33 pF
100 kHz
15 pF
15 pF
200 kHz
15 pF
15 pF
These values are for design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com