Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-20E/SS Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 77Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 78Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 79Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 80Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 81Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 82Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 83Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 84Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 81
PIC16F62X
FIGURE 12-9: ASYNCHRONOUS RECEPTION WITH ADDRESS DETECT
FIGURE 12-10: ASYNCHRONOUS RECEPTION WITH ADDRESS BYTE FIRST
FIGURE 12-11: ASYNCHRONOUS RECEPTION WITH ADDRESS BYTE FIRST FOLLOWED BY VALID
DATA BYTE
Start
bit
bit1
bit0
bit8
bit0
Stop
bit
Start
bit
bit8
Stop
bit
RC7/RX/DT (pin)
Rcv buffer reg
Rcv shift reg
Read Rcv
buffer reg
RCREG
RCIF
(interrupt flag)
WORD 1
RCREG
Note: This timing diagram shows a data byte followed by an address byte. The data byte is not read into the RCREG (receive buffer)
Bit8 = 0, Data Byte
Bit8 = 1, Address Byte
because ADEN = 1 and bit8 = 0.
ADEN = 1
(address match
enable)
’1’
’1’
Start
bit
bit1
bit0
bit8
bit0
Stop
bit
Start
bit
bit8
Stop
bit
RC7/RX/DT (pin)
reg
Rcv buffer reg
Rcv shift
Read Rcv
buffer reg
RCREG
RCIF
(interrupt flag)
WORD 1
RCREG
Bit8 = 1, Address Byte
Bit8 = 0, Data Byte
Note: This timing diagram shows an address byte followed by an data byte. The data byte is not read into the RCREG (receive buffer)
because ADEN was not updated (still = 1) and bit8 = 0.
ADEN = 1
(address match
enable)
’1’
’1’
Start
bit
bit1
bit0
bit8
bit0
Stop
bit
Start
bit
bit8
Stop
bit
RC7/RX/DT (pin)
reg
Rcv buffer reg
Rcv shift
Read Rcv
buffer reg
RCREG
RCIF
(interrupt flag)
WORD 2
RCREG
Bit8 = 1, Address Byte
Bit8 = 0, Data Byte
Note: This timing diagram shows an address byte followed by an data byte. The data byte is read into the RCREG (receive buffer)
because ADEN was updated after an address match, and was cleared to a ‘0’, so the contents of the receive shift register (RSR)
are read into the receive buffer regardless of the value of bit8.
ADEN
(address match
enable)
WORD 1
RCREG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com