Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-20E/SS Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 61Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 62Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 63Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 64Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 65Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 66Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 67Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 68Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 160 page
background image
PIC16F62X
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 65
10.2
Compare Mode
In Compare mode, the 16-bit CCPR1 register value is
constantly compared against the TMR1 register pair
value. When a match occurs, the RB3/CCP1 pin is:
• driven High
• driven Low
• remains Unchanged
The action on the pin is based on the value of control
bits CCP1M3:CCP1M0 (CCP1CON<3:0>). At the
same time, interrupt flag bit CCP1IF is set.
FIGURE 10-2: COMPARE MODE
OPERATION BLOCK
DIAGRAM
10.2.1
CCP PIN CONFIGURATION
The user must configure the RB3/CCP1 pin as an out-
put by clearing the TRISB<3> bit.
10.2.2
TIMER1 MODE SELECTION
Timer1 must be running in Timer mode or Synchro-
nized Counter mode if the CCP module is using the
compare feature. In Asynchronous Counter mode, the
compare operation may not work.
10.2.3
SOFTWARE INTERRUPT MODE
When generate software interrupt is chosen the CCP1
pin is not affected. Only a CCP interrupt is generated (if
enabled).
10.2.4
SPECIAL EVENT TRIGGER
In this mode, an internal hardware trigger is generated
which may be used to initiate an action.
The special event trigger output of CCP1 resets the
TMR1 register pair. This allows the CCPR1 register to
effectively be a 16-bit programmable period register for
Timer1.
TABLE 10-2
REGISTERS ASSOCIATED WITH CAPTURE, COMPARE, AND TIMER1
CCPR1H CCPR1L
TMR1H
TMR1L
Comparator
QS
R
Output
Logic
Special Event Trigger (CCP2 only)
Set flag bit CCP1IF
(PIR1<2>)
match
RB3/CCP1
TRISB<3>
CCP1CON<3:0>
Mode Select
Output Enable
Pin
Special event trigger will reset Timer1, but not
set interrupt flag bit TMR1IF (PIR1<0>)
Note:
Clearing the CCP1CON register will force
the RB3/CCP1 compare output latch to the
default low level. This is not the data latch.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
all other
resets
0Bh/8Bh/1
0Bh/18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x 0000 000u
0Ch
PIR1
EEIF
CMIF
RCIF
TXIF
—CCP1IF
TMR2IF
TMR1IF
0000 -000 0000 -000
8Ch
PIE1
EEIE
CMIF
RCIE
TXIE
—
CCP1IE
TMR2IE
TMR1IE 0000 -000 0000 -000
87h
TRISB
PORTB Data Direction Register
1111 1111 1111 1111
0Eh
TMR1L
Holding register for the Least Significant Byte of the 16-bit TMR1 register
xxxx xxxx uuuu uuuu
0Fh
TMR1H
Holding register for the Most Significant Byte of the 16-bit TMR1register
xxxx xxxx uuuu uuuu
10h
T1CON
—
—
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON --00 0000 --uu uuuu
15h
CCPR1L
Capture/Compare/PWM register1 (LSB)
xxxx xxxx uuuu uuuu
16h
CCPR1H
Capture/Compare/PWM register1 (MSB)
xxxx xxxx uuuu uuuu
17h
CCP1CON
—
—
CCP1X
CCP1Y
CCP1M3
CCP1M2 CCP1M1 CCP1M0 --00 0000 --00 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used by Capture and Timer1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com