Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-20E/SS Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 13Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 14Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 15Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 16Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 17Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 18Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 19Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 20Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 17
PIC16F62X
TABLE 4-3:
SPECIAL FUNCTION REGISTERS SUMMARY BANK2
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Reset
Value on
all other
resets(1)
Bank 1
100h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical reg-
ister)
xxxx xxxx
xxxx xxxx
101h
TMR0
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
102h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
0000 0000
103h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
104h
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
105h
Unimplemented
—
—
106h
PORTB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
1111 1111
107h
Unimplemented
—
—
108h
Unimplemented
—
—
109h
Unimplemented
—
—
10Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
---0 0000
10Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
10Ch
—
—
10Dh
Unimplemented
—
—
10Eh
—
—
10Fh
Unimplemented
110h
Unimplemented
—
—
111h
Unimplemented
—
—
112h
113h
Unimplemented
—
—
114h
Unimplemented
—
—
115h
Unimplemented
—
—
116h
Unimplemented
—
—
117h
Unimplemented
—
—
118h
—
—
119h
—
—
11Ah
—
—
11Bh
—
—
11Ch
—
—
11Dh
—
—
11Eh
Unimplemented
—
—
11Fh
—
—
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition,
shaded = unimplemented
Note 1: Other (non power-up) resets include MCLR Reset, Brown-out Detect and Watchdog Timer Reset during
normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com