Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-20E/SS Datasheet(PDF) 74 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 74 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 70Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 71Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 72Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 73Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 74Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 75Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 76Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 77Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 160 page
background image
PIC16F62X
DS40300B-page 74
Preliminary
© 1999 Microchip Technology Inc.
TABLE 12-3:
BAUD RATES FOR SYNCHRONOUS MODE
TABLE 12-4:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 0)
BAUD
RATE
(K)
FOSC = 20 MHz
SPBRG
value
(decimal)
16 MHz
SPBRG
value
(decimal)
10 MHz
SPBRG
value
(decimal)
7.15909 MHz
SPBRG
value
(decimal)
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
0.3
NA
-
-NA
-
-NA
-
-NA
-
-
1.2
NA
-
-NA
-
-NA
-
-NA
-
-
2.4
NA
-
-NA
-
-NA
-
-NA
-
-
9.6
NA
-
-
NA
-
-
9.766
+1.73
255
9.622
+0.23
185
19.2
19.53
+1.73
255
19.23
+0.16
207
19.23
+0.16
129
19.24
+0.23
92
76.8
76.92
+0.16
64
76.92
+0.16
51
75.76
-1.36
32
77.82
+1.32
22
96
96.15
+0.16
51
95.24
-0.79
41
96.15
+0.16
25
94.20
-1.88
18
300
294.1
-1.96
16
307.69
+2.56
12
312.5
+4.17
7
298.3
-0.57
5
500
500
0
9
500
0
7
500
0
4
NA
-
-
HIGH
5000
-
0
4000
-
0
2500
-
0
1789.8
-
0
LOW
19.53
-
255
15.625
-
255
9.766
-
255
6.991
-
255
BAUD
RATE
(K)
FOSC = 5.0688 MHz
4 MHz
SPBRG
value
(decimal)
3.579545 MHz
SPBRG
value
(decimal)
1 MHz
SPBRG
value
(decimal)
32.768 kHz
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
0.3
NA
-
-NA
-
-
NA
-
-NA
-
-
0.303
+1.14
26
1.2
NA
-
-
NA
-
-
NA
-
-
1.202
+0.16
207
1.170
-2.48
6
2.4
NA
-
-
NA
-
-
NA
-
-
2.404
+0.16
103
NA
-
-
9.6
9.6
0
131
9.615
+0.16
103
9.622
+0.23
92
9.615
+0.16
25
NA
-
-
19.2
19.2
0
65
19.231
+0.16
51
19.04
-0.83
46
19.24
+0.16
12
NA
-
-
76.8
79.2
+3.13
15
76.923
+0.16
12
74.57
-2.90
11
83.34
+8.51
2
NA
-
-
96
97.48
+1.54
12
1000
+4.17
9
99.43
+3.57
8
NA
-
-
NA
-
-
300
316.8
+5.60
3
NA
-
-
298.3
-0.57
2
NA
-
-
NA
-
-
500
NA
-
-NA
-
-
NA
-
-NA
-
-NA
-
-
HIGH
1267
-
0
100
-
0
894.9
-
0
250
-
0
8.192
-
0
LOW
4.950
-
255
3.906
-
255
3.496
-
255
0.9766
-
255
0.032
-
255
BAUD
RATE
(K)
FOSC = 20 MHz
SPBRG
value
(decimal)
16 MHz
SPBRG
value
(decimal)
10 MHz
SPBRG
value
(decimal)
7.15909 MHz
SPBRG
value
(decimal)
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
0.3
NA
-
-
NA
--
NA
--
NA
--
1.2
1.221
+1.73
255
1.202
+0.16
207
1.202
+0.16
129
1.203
+0.23
92
2.4
2.404
+0.16
129
2.404
+0.16
103
2.404
+0.16
64
2.380
-0.83
46
9.6
9.469
-1.36
32
9.615
+0.16
25
9.766
+1.73
15
9.322
-2.90
11
19.2
19.53
+1.73
15
19.23
+0.16
12
19.53
+1.73
7
18.64
-2.90
5
76.8
78.13
+1.73
3
83.33
+8.51
2
78.13
+1.73
1
NA
-
-
96
104.2
+8.51
2
NA
-
-
NA
-
-
NA
-
-
300
312.5
+4.17
0
NA
-
-
NA
-
-
NA
-
-
500
NA
-
-NA
-
-NA
-
-NA
-
-
HIGH
312.5
-
0
250
-
0
156.3
-
0
111.9
-
0
LOW
1.221
-
255
0.977
-
255
0.6104
-
255
0.437
-
255
BAUD
RATE
(K)
FOSC = 5.0688 MHz
4 MHz
SPBRG
value
(decimal)
3.579545 MHz
SPBRG
value
(decimal)
1 MHz
SPBRG
value
(decimal)
32.768 kHz
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal) KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
0.3
0.31
+3.13
255
0.3005
-0.17
207
0.301
+0.23
185
0.300
+0.16
51
0.256
-14.67
1
1.2
1.2
0
65
1.202
+1.67
51
1.190
-0.83
46
1.202
+0.16
12
NA
-
-
2.4
2.4
0
32
2.404
+1.67
25
2.432
+1.32
22
2.232
-6.99
6
NA
-
-
9.6
9.9
+3.13
7
NA
-
-
9.322
-2.90
5
NA
-
-
NA
-
-
19.2
19.8
+3.13
3
NA
-
-
18.64
-2.90
2
NA
-
-
NA
-
-
76.8
79.2
+3.13
0
NA
-
-
NA
-
-
NA
-
-
NA
-
-
96
NA
--
NA
--
NA
--
NA
--
NA
--
300
NA
-
-NA
-
-NA
-
-NA
-
-NA
-
-
500
NA
-
-NA
-
-NA
-
-NA
-
-NA
-
-
HIGH
79.2
-
0
62.500
-
0
55.93
-
0
15.63
-
0
0.512
-
0
LOW
0.3094
-
255
3.906
-
255
0.2185
-
255
0.0610
-
255
0.0020
-
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com