Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-20E/SS Datasheet(PDF) 82 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 82 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 78Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 79Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 80Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 81Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 82Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 83Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 84Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 85Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 160 page
background image
PIC16F62X
DS40300B-page 82
Preliminary
© 1999 Microchip Technology Inc.
Steps to follow when setting up an Asynchronous
Reception:
1.
Initialize the SPBRG register for the appropriate
baud rate. If a high speed baud rate is desired,
set bit BRGH. (Section 12.1).
2.
Enable the asynchronous serial port by clearing
bit SYNC, and setting bit SPEN.
3.
If interrupts are desired, then set enable bit
RCIE.
4.
If 9-bit reception is desired, then set bit RX9.
5.
Enable the reception by setting bit CREN.
6.
Flag bit RCIF will be set when reception is com-
plete and an interrupt will be generated if enable
bit RCIE was set.
7.
Read the RCSTA register to get the ninth bit (if
enabled) and determine if any error occurred
during reception.
8.
Read the 8-bit received data by reading the
RCREG register.
9.
If any error occurred, clear the error by clearing
enable bit CREN.
TABLE 12-7:
REGISTERS ASSOCIATED WITH ASYNCHRONOUS RECEPTION
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
all other
Resets
0Ch
PIR1
EEIF
CMIF
RCIF
TXIF
—
CCP1IF
TMR2IF
TMR1IF
0000 -000
0000 -000
18h
RCSTA
SPEN
RX9
SREN
CREN
ADEN
FERR
OERR
RX9D
0000 -00x
0000 -00x
1Ah
RCREG
USART Receive Register
0000 0000
0000 0000
8Ch
PIE1
EEIE
CMIE
RCIE
TXIE
—
CCP1IE
TMR2IE
TMR1IE
0000 -000
0000 -000
98h
TXSTA
CSRC
TX9
TXEN
SYNC
—BRGH
TRMT
TX9D
0000 -010
0000 -010
99h
SPBRG
Baud Rate Generator Register
0000 0000
0000 0000
Legend: x = unknown, - = unimplemented locations read as '0'. Shaded cells are not used for Asynchronous Reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com