Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-20E/SS Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 14Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 15Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 16Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 17Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 18Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 19Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 20Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 21Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 160 page
background image
PIC16F62X
DS40300B-page 18
Preliminary
© 1999 Microchip Technology Inc.
TABLE 4-4:
SPECIAL FUNCTION REGISTERS SUMMARY BANK3
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Reset
Value on
all other
resets(1)
Bank 1
180h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical reg-
ister)
xxxx xxxx
xxxx xxxx
181h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
182h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
0000 0000
183h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
184h
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
185h
Unimplemented
—
—
186h
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
1111 1111
187h
Unimplemented
—
—
188h
Unimplemented
—
—
189h
Unimplemented
—
—
18Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
---0 0000
18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
18Ch
18Dh
18Eh
18Fh
190h
191h
192h
193h
194h
195h
196h
197h
198h
199h
19Ah
19Bh
19Ch
19Dh
19Eh
19Fh
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition,
shaded = unimplemented
Note 1: Other (non power-up) resets include MCLR Reset, Brown-out Detect and Watchdog Timer Reset during
normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com