Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-20E/SS Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 69Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 70Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 71Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 72Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 73Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 74Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 75Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 76Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 73
PIC16F62X
12.1
USART Baud Rate Generator (BRG)
The BRG supports both the Asynchronous and Syn-
chronous modes of the USART. It is a dedicated 8-bit
baud rate generator. The SPBRG register controls the
period of a free running 8-bit timer. In asynchronous
mode bit BRGH (TXSTA<2>) also controls the baud
rate. In synchronous mode bit BRGH is ignored.
Table 12-1 shows the formula for computation of the
baud rate for different USART modes which only apply
in master mode (internal clock).
Given the desired baud rate and Fosc, the nearest inte-
ger value for the SPBRG register can be calculated
using the formula in Table 12-1. From this, the error in
baud rate can be determined.
Example 12-1 shows the calculation of the baud rate
error for the following conditions:
FOSC = 16 MHz
Desired Baud Rate = 9600
BRGH = 0
SYNC = 0
EXAMPLE 12-1: CALCULATING BAUD RATE
ERROR
It may be advantageous to use the high baud rate
(BRGH = 1) even for slower baud clocks. This is
because the FOSC/(16(X + 1)) equation can reduce the
baud rate error in some cases.
Writing a new value to the SPBRG register, causes the
BRG timer to be reset (or cleared), this ensures the
BRG does not wait for a timer overflow before output-
ting the new baud rate.
Desired Baud rate = Fosc / (64 (X + 1))
9600 =
16000000 /(64 (X + 1))
X=
Î25.042° = 25
Calculated Baud Rate=16000000 / (64 (25 + 1))
=
9615
Error
=
(Calculated Baud Rate - Desired Baud Rate)
Desired Baud Rate
=
(9615 - 9600) / 9600
=
0.16%
TABLE 12-1:
BAUD RATE FORMULA
TABLE 12-2:
REGISTERS ASSOCIATED WITH BAUD RATE GENERATOR
SYNC
BRGH = 0 (Low Speed)
BRGH = 1 (High Speed)
0
1
(Asynchronous) Baud Rate = FOSC/(64(X+1))
(Synchronous) Baud Rate = FOSC/(4(X+1))
Baud Rate= FOSC/(16(X+1))
NA
X = value in SPBRG (0 to 255)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on all
other resets
98h
TXSTA
CSRC
TX9
TXEN
SYNC
—BRGH
TRMT
TX9D
0000 -010
0000 -010
18h
RCSTA
SPEN
RX9
SREN
CREN
ADEN
FERR
OERR RX9D 0000 -00x
0000 -00x
99h
SPBRG
Baud Rate Generator Register
0000 0000
0000 0000
Legend: x = unknown, - = unimplemented read as '0'. Shaded cells are not used by the BRG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com