Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-20E/SS Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 97Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 98Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 99Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 100Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 101Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 102Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 103Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 104Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 101
PIC16F62X
14.5
Power-on Reset (POR), Power-up
Timer (PWRT), Oscillator Start-up
Timer (OST) and Brown-out Detect
(BOD)
14.5.1
POWER-ON RESET (POR)
The on-chip POR circuit holds the chip in reset until
VDD has reached a high enough level for proper opera-
tion. To take advantage of the POR, just tie the MCLR
pin through a resistor to VDD. This will eliminate exter-
nal RC components usually needed to create Power-on
Reset. A maximum rise time for VDD is required. See
Electrical Specifications for details.
The POR circuit does not produce an internal reset
when VDD declines.
When the device starts normal operation (exits the
reset condition), device operating parameters (voltage,
frequency, temperature, etc.) must be met to ensure
operation. If these conditions are not met, the device
must be held in reset until the operating conditions are
met.
For additional information, refer to Application Note
AN607 “Power-up Trouble Shooting”.
14.5.2
POWER-UP TIMER (PWRT)
The Power-up Timer provides a fixed 72 ms (nominal)
time-out on power-up only, from POR or Brown-out
Reset. The Power-up Timer operates on an internal RC
oscillator. The chip is kept in reset as long as PWRT is
active. The PWRT delay allows the VDD to rise to an
acceptable level. A configuration bit, PWRTE can
disable (if set) or enable (if cleared or programmed) the
Power-up Timer. The Power-up Timer should always be
enabled when Brown-out Reset is enabled.
The Power-Up Time delay will vary from chip to chip
and due to VDD, temperature and process variation.
See DC parameters for details.
14.5.3
OSCILLATOR START-UP TIMER (OST)
The Oscillator Start-Up Timer (OST) provides a 1024
oscillator cycle (from OSC1 input) delay after the
PWRT delay is over. This ensures that the crystal
oscillator or resonator has started and stabilized.
The OST time-out is invoked only for XT, LP and HS
modes and only on power-on reset or wake-up from
SLEEP.
14.5.4
BROWN-OUT DETECT (BOD)
The PIC16F62X
members have on-chip Brown-out
Detect circuitry. A configuration bit, BODEN, can dis-
able (if clear/programmed) or enable (if set) the
Brown-out Detect circuitry. If VDD falls below 4.0V, refer
to VBOD parameter D005(VBOD) for greater than
parameter (TBOD) in Table 17.1, the brown-out situa-
tion will reset the chip. A reset is not guaranteed to
occur if VDD falls below 4.0V for less than parameter
(TBOD).
On any reset (Power-on, Brown-out, Watchdog, etc.)
the chip will remain in Reset until VDD rises above
BVDD. The Power-up Timer will now be invoked and will
keep the chip in reset an additional 72 ms.
If VDD drops below BVDD while the Power-up Timer is
running, the chip will go back into a Brown-out Reset
and the Power-up Timer will be re-initialized. Once VDD
rises above BVDD, the Power-Up Timer will execute a
72 ms reset. The Power-up Timer should always be
enabled
when
Brown-out
Detect
is
enabled.
Figure 14-9 shows typical Brown-out situations.
FIGURE 14-9: BROWN-OUT SITUATIONS
72 ms
BVDD
VDD
Internal
Reset
BVDD
VDD
Internal
Reset
72 ms
<72 ms
72 ms
BVDD
VDD
Internal
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com