Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-20E/SS Datasheet(PDF) 116 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 116 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 112Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 113Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 114Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 115Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 116Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 117Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 118Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 119Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 160 page
background image
PIC16F62X
DS40300B-page 116
Preliminary
© 1999 Microchip Technology Inc.
BCF
Bit Clear f
Syntax:
[
label ] BCF
f,b
Operands:
0
≤ f ≤ 127
0
≤ b ≤ 7
Operation:
0
→ (f<b>)
Status Affected:
None
Encoding:
01
00bb
bfff
ffff
Description:
Bit ’b’ in register ’f’ is cleared
.
Words:
1
Cycles:
1
Example
BCF
FLAG_REG, 7
Before Instruction
FLAG_REG = 0xC7
After Instruction
FLAG_REG = 0x47
BSF
Bit Set f
Syntax:
[
label ] BSF
f,b
Operands:
0
≤ f ≤ 127
0
≤ b ≤ 7
Operation:
1
→ (f<b>)
Status Affected:
None
Encoding:
01
01bb
bfff
ffff
Description:
Bit ’b’ in register ’f’ is set.
Words:
1
Cycles:
1
Example
BSF
FLAG_REG,
7
Before Instruction
FLAG_REG = 0x0A
After Instruction
FLAG_REG = 0x8A
BTFSC
Bit Test, Skip if Clear
Syntax:
[
label ] BTFSC f,b
Operands:
0
≤ f ≤ 127
0
≤ b ≤ 7
Operation:
skip if (f<b>) = 0
Status Affected:
None
Encoding:
01
10bb
bfff
ffff
Description:
If bit ’b’ in register ’f’ is ’0’ then the next
instruction is skipped.
If bit ’b’ is ’0’ then the next instruction
fetched during the current instruction
execution is discarded, and a NOP is
executed instead, making this a
two-cycle instruction
.
Words:
1
Cycles:
1(2)
Example
HERE
FALSE
TRUE
BTFSC
GOTO
•
•
•
FLAG,1
PROCESS_CODE
Before Instruction
PC =
address
HERE
After Instruction
if FLAG<1> = 0,
PC =
address TRUE
if FLAG<1>=1,
PC =
address FALSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com