Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7129 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC7129
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129 Datasheet(HTML) 4 Page - Microchip Technology

  TC7129 Datasheet HTML 1Page - Microchip Technology TC7129 Datasheet HTML 2Page - Microchip Technology TC7129 Datasheet HTML 3Page - Microchip Technology TC7129 Datasheet HTML 4Page - Microchip Technology TC7129 Datasheet HTML 5Page - Microchip Technology TC7129 Datasheet HTML 6Page - Microchip Technology TC7129 Datasheet HTML 7Page - Microchip Technology TC7129 Datasheet HTML 8Page - Microchip Technology TC7129 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TC7129
DS21459B-page 4
© 2002 Microchip Technology Inc.
fCLK
Clock Frequency
—
120
360
kHz
VDISP Resistance
—
50
—
k
Ω
VDISP to V+
Low Battery Flag Activation Voltage
6.3
7.2
7.7
V
V+ to V-
Digital
Continuity Comparator Threshold
Voltages
100
200
—
mV
VOUT Pin27= High
—
200
400
mV
VOUT Pin27= Low
Pull-down Current
—
2
10
µA
Pins 37, 38, 39
"Weak Output" Current
Sink/Source
—3/3
—
µA
Pins 20, 21 Sink/Source
—3/9
—
µA
Pin 27 Sink/Source
Pin 22 Source Current
—
40
—
µA
Pin22SinkCurrent
—
3
—
µA
TC7129 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: V+ to V- = 9V, VREF =1V, TA =+25°C, fCLK = 120kHz, unless otherwise indicated.
Pinnumbers refer to40-pinDIP.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Note
1:
Input voltages may exceed supply voltages, provided input current is limited to ±400
µA. Currents above this value may
result in invalid display readings, but will not destroy the device if limited to ±1mA. Dissipation ratings assume device is
mounted with all leads soldered to printed circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com