Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7129 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC7129
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC7129 Datasheet HTML 9Page - Microchip Technology TC7129 Datasheet HTML 10Page - Microchip Technology TC7129 Datasheet HTML 11Page - Microchip Technology TC7129 Datasheet HTML 12Page - Microchip Technology TC7129 Datasheet HTML 13Page - Microchip Technology TC7129 Datasheet HTML 14Page - Microchip Technology TC7129 Datasheet HTML 15Page - Microchip Technology TC7129 Datasheet HTML 16Page - Microchip Technology TC7129 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
© 2002 Microchip Technology Inc.
DS21459B-page 13
TC7129
4.11
Successive Integration
The successive integration technique picks up where
dual slope conversion ends. The over shoot voltage
shown in Figure 4-9, called the "integrator residue volt-
age," is measured to obtain a correction to the initial
count. Figure 4-10 shows the cycles in a successive
integration measurement.
The waveform shown is for a negative input signal. The
sequence of events during the measurement cycle is
shown in Table 4-1.
TABLE 4-1:
MEASUREMENT CYCLE
SEQUENCE
4.12
Digital Auto-Zeroing
To eliminate the effect of amplifier offset errors, the
TC7129 uses a digital auto-zeroing technique. After the
input voltage is measured as described above, the
measurement is repeated with the inputs shorted inter-
nally. The reading with inputs shorted is a measure-
ment of the internal errors and is subtracted from the
previous reading to obtain a corrected measurement.
Digital auto-zeroing eliminates the need for an external
auto-zeroing capacitor used in other ADCs.
4.13
Inside the TC7129
Figure 4-11 shows a simplified block diagram of the
TC7129.
Phase
Description
INT1
Input signal is integrated for fixed time (1000 clock
cycles on 2V scale, 10,000 on 200 mV).
DE1
Integrator voltage is ramped to zero. Counter
counts up until zero crossing to produce reading
accurate to 3-1/2 digits. Residue represents an
over shoot of the actual input voltage.
REST
Rest; circuit settles.
X10
Residue voltage is amplified 10 times and inverted.
DE2
Integrator voltage is ramped to zero. Counter
counts down until zero crossing to correct reading
to 4-1/2 digits. Residue represents an under shoot
of the actual input voltage.
REST
Rest; circuit settles.
X10
Residue voltage is amplified 10 times and inverted.
DE3
Integrator voltage is ramped to zero. Counter
counts up until zero crossing to correct reading to
5-1/2 digits. Residue is discarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com