Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7129 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC7129
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129 Datasheet(HTML) 5 Page - Microchip Technology

  TC7129 Datasheet HTML 1Page - Microchip Technology TC7129 Datasheet HTML 2Page - Microchip Technology TC7129 Datasheet HTML 3Page - Microchip Technology TC7129 Datasheet HTML 4Page - Microchip Technology TC7129 Datasheet HTML 5Page - Microchip Technology TC7129 Datasheet HTML 6Page - Microchip Technology TC7129 Datasheet HTML 7Page - Microchip Technology TC7129 Datasheet HTML 8Page - Microchip Technology TC7129 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
© 2002 Microchip Technology Inc.
DS21459B-page 5
TC7129
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
40-Pin PDIP
Pin No.
44-Pin PQFP
Pin No.
44-Pin PLCC
Symbol
Function
1
40
2
OSC1
Input to first clock inverter.
2
41
3
OSC3
Output of second clock inverter.
3
42
4
ANNUNCIATOR Backplane square wave output for driving annunciators.
443
5
B1,C1, CONT
Output to display segments.
544
6
A1,G1,D1
Output to display segments.
61
7
F1,E1,DP1
Output to display segments.
72
8
B2,C2, LO BATT Output to display segments.
83
9
A2,G2,D2
Output to display segments.
94
10
F2,E2,DP2
Output to display segments.
10
5
11
B3,C3, MINUS
Output to display segments.
11
7
13
A3,G3,D3
Output to display segments.
12
8
14
F3,E3,DP3
Output to display segments.
13
9
15
B4,C4,BC5
Output to display segments.
14
10
16
A4,D4,G4
Output to display segments.
15
11
17
F4,E4,DP4
Output to display segments.
16
12
18
BP3
Backplane #3 output to display.
17
13
19
BP2
Backplane #2 output to display.
18
14
20
BP1
Backplane #1 output to display.
19
15
21
VDISP
Negative rail for display drivers.
20
16
22
DP4/OR
Input: When HI, turns on most significant decimal point.
Output: Pulled HI when result count exceeds ±19,999.
21
18
24
DP3/UR
Input: Second most significant decimal point on when HI.
Output: Pulled HI when result count is less than ±1000.
22
19
25
LATCH/HOLD
Input: When floating, ADC operates in the Free Run mode. When
pulled HI, the last displayed reading is held. When pulled LO, the
result counter contents are shown incrementing during the
de-integrate phase of cycle.
Output: Negative going edge occurs when the data latches are
updated. Can be used for converter status signal.
23
20
26
V-
Negative power supply terminal.
24
21
27
V+
Positive power supply terminal and positive rail for display drivers.
25
22
28
INT IN
Input to integrator amplifier.
26
23
29
INT OUT
Output of integrator amplifier.
27
24
30
CONTINUITY
Input: When LO, continuity flag on the display is OFF. When HI,
continuity flag is ON.
Output: HI when voltage between inputs is less than +200mV. LO
when voltage between inputs is more than +200mV.
28
25
31
COMMON
Sets Common mode voltage of 3.2V below V+ for DE, 10X, etc.
Can be used as pre-regulator for external reference.
29
26
32
CREF+
Positive side of external reference capacitor.
30
27
33
CREF-
Negative side of external reference capacitor.
31
29
35
BUFFER
Output of buffer amplifier.
32
30
36
IN LO
Negative input voltage terminal.
33
31
37
IN HI
Positive input voltage terminal.
34
32
38
REF HI
Positive reference voltage.
35
33
39
REF LO
Negative reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com