Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7129 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC7129
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC7129 Datasheet HTML 7Page - Microchip Technology TC7129 Datasheet HTML 8Page - Microchip Technology TC7129 Datasheet HTML 9Page - Microchip Technology TC7129 Datasheet HTML 10Page - Microchip Technology TC7129 Datasheet HTML 11Page - Microchip Technology TC7129 Datasheet HTML 12Page - Microchip Technology TC7129 Datasheet HTML 13Page - Microchip Technology TC7129 Datasheet HTML 14Page - Microchip Technology TC7129 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
© 2002 Microchip Technology Inc.
DS21459B-page 11
TC7129
FIGURE 4-6:
TEMPERATURE COMPENSATING CIRCUITS
4.8
RC Oscillator
For applications in which 3-1/2 digit (100
µV) resolution
is sufficient, an RC oscillator is adequate. A recom-
mended value for the capacitor is 51pF. Other values
can be used as long as they are sufficiently larger than
the circuit parasitic capacitance. The resistor value is
calculated as:
EQUATION 4-1:
For 120kHz frequency and C = 51pF, the calculated
value of R is 75k
Ω. The RC oscillator and the crystal
oscillator circuits are shown in Figure 4-7.
FIGURE 4-7:
OSCILLATOR CIRCUITS
4.9
Measuring Techniques
Two important techniques are used in the TC7129: suc-
cessive integration and digital auto-zeroing. Succes-
sive integration is a refinement to the traditional dual
slope conversion technique.
4.10
Dual Slope Conversion
A dual slope conversion has two basic phases: inte-
grate and de-integrate. During the integrate phase, the
input signal is integrated for a fixed period of time; the
integrated voltage level is thus proportional to the input
voltage. During the de-integrate phase, the integrated
voltage is ramped down at a fixed slope, and a counter
counts the clock cycles until the integrator voltage
crosses zero. The count is a measurement of the time
to ramp the integrated voltage to zero, and is, there-
fore, proportional to the input voltage being measured.
This count can then be scaled and displayed as a mea-
surement of the input voltage. Figure 4-8 shows the
phases of the dual slope conversion.
FIGURE 4-8:
DUAL SLOPE
CONVERSION
The dual slope method has a fundamental limitation.
The count can only stop on a clock cycle, so that mea-
surement accuracy is limited to the clock frequency. In
addition, a delay in the zero crossing comparator can
add to the inaccuracy. Figure 4-9 shows these errors in
an actual measurement.
TC7129
1N4148
5k
Ω
75k
Ω
200k
Ω
39k
Ω
19
36
24
23
V-
V+
VDISP
DGND
TC7129
2N2222
39k
Ω
19
36
24
23
V-
V+
VDISP
DGND
20k
Ω
18k
Ω
R=
0.45
Freq * C
TC7129
TC7129
1
40
2
270k
Ω
10pF
V+
120kHz
5pF
V+
1
40
2
51pF
75k
Ω
De-integrate
Zero
Crossing
Time
Integrate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com