Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7129 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7129
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129 Datasheet(HTML) 1 Page - Microchip Technology

  TC7129 Datasheet HTML 1Page - Microchip Technology TC7129 Datasheet HTML 2Page - Microchip Technology TC7129 Datasheet HTML 3Page - Microchip Technology TC7129 Datasheet HTML 4Page - Microchip Technology TC7129 Datasheet HTML 5Page - Microchip Technology TC7129 Datasheet HTML 6Page - Microchip Technology TC7129 Datasheet HTML 7Page - Microchip Technology TC7129 Datasheet HTML 8Page - Microchip Technology TC7129 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© 2002 Microchip Technology Inc.
DS21459B-page 1
TC7129
Features
• Count Resolution: ±19,999
• Resolution on 200mV Scale: 10
µV
• True Differential Input and Reference
• Low Power Consumption: 500
µAat 9V
• Direct LCD Driver for 4-1/2 Digits, Decimal Points,
Low Battery Indicator, and Continuity Indicator
• Over Range and Under Range Outputs
• Range Select Input: 10:1
• High Common Mode Rejection Ratio: 110dB
• External Phase Compensation Not Required
Applications
• Full Featured Multimeters
• Digital Measurement Devices
Device Selection Table
General Description
The TC7129 is a 4-1/2 digit analog-to-digital converter
(ADC) that directly drives a multiplexed liquid crystal
display (LCD). Fabricated in high performance, low
power CMOS, the TC7129 ADC is designed specifi-
cally for high resolution, battery powered digital multi-
meter applications. The traditional dual slope method
of A/D conversion has been enhanced with a succes-
sive integration technique to produce readings accu-
rate to better than 0.005% of full scale, and resolution
down to 10
µV per count.
The TC7129 includes features important to multimeter
applications. It detects and indicates low battery condi-
tion. A continuity output drives an annunciator on the
display, and can be used with an external driver to
sound an audible alarm. Over range and under range
outputs and a range change input provide the ability to
create auto-ranging instruments. For snapshot read-
ings, the TC7129 includes a latch-and-hold input to
freeze the present reading. This combination of features
makes the TC7129 the ideal choice for full featured
multimeter and digital measurement applications.
Typical Application
Package
Code
Pin
Layout
Package
Temperature
Range
TC7129CPL
Normal
40-Pin PDIP
0
°Cto +70°C
TC7129CKW
Formed
44-Pin PQFP
0
°Cto +70°C
TC7129CLW
–
44-Pin PLCC
0
°Cto +70°C
TC7129
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
9V
+
+
Low Battery
Continuity
V+
5pF
120kHz
10pF
0.1
µF
20
k
Ω
0.1
µF
100k
Ω
1
µF
0.1
µF
150k
Ω
10k
Ω
V+
VIN
–
+
*
*Note: RC network between Pins 26 and 28 is not required.
330k
Ω
4-1/2 Digit Analog-to-Digital Converters with
On-Chip LCD Drivers


Similar Part No. - TC7129

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7129 TELCOM-TC7129 Datasheet
214Kb / 15P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
logo
Microchip Technology
TC7129 MICROCHIP-TC7129 Datasheet
562Kb / 28P
4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2006
TC7129CJL713 MICROCHIP-TC7129CJL713 Datasheet
562Kb / 28P
4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2006
logo
TelCom Semiconductor, I...
TC7129CKW TELCOM-TC7129CKW Datasheet
214Kb / 15P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
logo
Microchip Technology
TC7129CKW MICROCHIP-TC7129CKW Datasheet
562Kb / 28P
4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2006
More results

Similar Description - TC7129

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
TC7129 TELCOM-TC7129 Datasheet
214Kb / 15P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7129 MICROCHIP-TC7129_06 Datasheet
562Kb / 28P
4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2006
logo
Texas Instruments
ICL7135C TI-ICL7135C_08 Datasheet
448Kb / 16P
4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7129 MICROCHIP-TC7129_13 Datasheet
452Kb / 28P
4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
11/29/12
logo
Texas Instruments
ICL7135C TI1-ICL7135C_16 Datasheet
677Kb / 18P
1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com