Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7129 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC7129
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC7129 Datasheet HTML 2Page - Microchip Technology TC7129 Datasheet HTML 3Page - Microchip Technology TC7129 Datasheet HTML 4Page - Microchip Technology TC7129 Datasheet HTML 5Page - Microchip Technology TC7129 Datasheet HTML 6Page - Microchip Technology TC7129 Datasheet HTML 7Page - Microchip Technology TC7129 Datasheet HTML 8Page - Microchip Technology TC7129 Datasheet HTML 9Page - Microchip Technology TC7129 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TC7129
DS21459B-page 6
© 2002 Microchip Technology Inc.
36
34
40
DGND
Internal ground reference for digital section. See Section 4.3,
±5V Power Supply.
37
35
41
RANGE
3
µA pull-down for 200mV scale. Pulled HI externally for 2V scale.
38
36
42
DP2
Internal 3
µA pull-down. When HI, decimal point 2 will be on.
39
37
43
DP1
Internal 3
µA pull-down. When HI, decimal point 1 will be on.
40
38
44
OSC2
Output of first clock inverter. Input of second clock inverter.
—
6,17, 28, 39
12, 23, 34, 1
NC
No connection.
TABLE 2-1:
PIN FUNCTION TABLE (CONTINUED)
Pin No.
40-Pin PDIP
Pin No.
44-Pin PQFP
Pin No.
44-Pin PLCC
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com