Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7129 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC7129
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC7129 Datasheet HTML 6Page - Microchip Technology TC7129 Datasheet HTML 7Page - Microchip Technology TC7129 Datasheet HTML 8Page - Microchip Technology TC7129 Datasheet HTML 9Page - Microchip Technology TC7129 Datasheet HTML 10Page - Microchip Technology TC7129 Datasheet HTML 11Page - Microchip Technology TC7129 Datasheet HTML 12Page - Microchip Technology TC7129 Datasheet HTML 13Page - Microchip Technology TC7129 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TC7129
DS21459B-page 10
© 2002 Microchip Technology Inc.
4.5
+5V Power Supply
Measurements are made with respect to power supply
ground. COMMON (Pin 28) is connected to REF LO
(Pin 35). A voltage doubler is needed, since the supply
voltage is less than the 6V minimum needed by the
TC7129. DGND (Pin 36) must be isolated from power
supply ground (see Figure 4-3).
FIGURE 4-3:
POWERING THE TC7129
FROM A +5V POWER
SUPPLY
4.6
Connecting to External Logic
External logic can be directly referenced to DGND
(Pin 36), provided that the supply current of the exter-
nal logic does not exceed the sink current of DGND
(Figure 4-4). A safe value for DGND sink current is
1.2mA. If the sink current is expected to exceed this
value, a buffer is recommended (see Figure 4-5).
FIGURE 4-4:
EXTERNAL LOGIC
REFERENCED DIRECTLY
TO DGND
FIGURE 4-5:
EXTERNAL LOGIC
REFERENCED TO DGND
WITH BUFFER
4.7
Temperature Compensation
For most applications, VDISP (Pin 19) can be connected
directly to DGND (Pin 36). For applications with a wide
temperature range, some LCDs require that the drive
levels vary with temperature to maintain good viewing
angle and display contrast. Figure 4-6 shows two cir-
cuits that can be adjusted to give temperature com-
pensation of about 10mV/°C between V+ (Pin 24) and
VDISP. The diode between DGND and VDISP should
have a low turn-on voltage because VDISP cannot
exceed 0.3V below DGND.
V-
V+
DGND
+
10
µF
+
8
2
4
10
µF
+
–
3
VIN
5
24
34
35
28
33
32
23
36
TC7660
V+
GND
0.1
µF
0.1
µF
+5V
TC7129
External
Logic
DGND
V
+
36
24
23
ILOGIC
TC7129
V-
–
+
External
Logic
ILOGIC
DGND
23
24
V+
36
TC7129
V-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com