Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7129 Datasheet(PDF) 16 Page - Microchip Technology

Part # TC7129
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129 Datasheet(HTML) 16 Page - Microchip Technology

Back Button TC7129 Datasheet HTML 12Page - Microchip Technology TC7129 Datasheet HTML 13Page - Microchip Technology TC7129 Datasheet HTML 14Page - Microchip Technology TC7129 Datasheet HTML 15Page - Microchip Technology TC7129 Datasheet HTML 16Page - Microchip Technology TC7129 Datasheet HTML 17Page - Microchip Technology TC7129 Datasheet HTML 18Page - Microchip Technology TC7129 Datasheet HTML 19Page - Microchip Technology TC7129 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
TC7129
DS21459B-page 16
© 2002 Microchip Technology Inc.
FIGURE 4-15:
DIGITAL GROUND (DGND)
AND COMMON OUTPUTS
4.17
Low Battery
The low battery annunciator turns on when supply volt-
age between V- and V+ drops below 6.8V. The internal
zener has a threshold of 6.3V. When the supply voltage
drops below 6.8V, the transistor tied to V- turns OFF,
pulling the "Low Battery" point HIGH.
4.18
Sequence and Results Counter
A sequence counter and associated control logic pro-
vide signals that operate the analog switches in the
integrator section. The comparator output from the inte-
grator gates the results counter. The results counter is
a six-section up/down decade counter, which holds the
intermediate results from each successive integration.
4.19
Over Range and Under Range
Outputs
When the results counter holds a value greater than
±19,999, the DP4/OR output (Pin 20) is driven HIGH.
When the results counter value is less than ±1000, the
DP3/UR output (Pin 21) is driven HIGH. Both signals
are valid on the falling edge of LATCH/HOLD (L/H) and
do not change until the end of the next conversion
cycle. The signals are updated at the end of each con-
version, unless the L/H input (Pin 22) is held HIGH.
Pins 20 and 21 can also be used as inputs for external
control of decimal points 3 and 4. Figure 4-14 shows a
schematic of the input/output nature of these pins.
4.20
LATCH/Hold
The L/H output goes LOW during the last 100 cycles of
each conversion. This pulse latches the conversion
data into the display driver section of the TC7129. This
pin can also be used as an input. When driven HIGH,
the display will not be updated; the previous reading is
displayed. When driven LOW, the display reading is not
latched; the sequence counter reading will be dis-
played. Since the counter is counting much faster than
the backplanes are being updated, the reading shown
in this mode is somewhat erratic.
4.21
Display Driver
TheTC7129drivesatriplexedLCD with threeback-
planes. The LCD can include decimal points, polarity
sign, and annunciators for continuity and low battery.
Figure 4-16 shows the assignment of the display seg-
ments to the backplanes and segment drive lines. The
backplane drive frequency is obtained by dividing the
oscillator frequency by 1200. This results in a back-
plane drive frequency of 100Hz for 60Hz operation
(120kHz crystal) and 83.3Hz for 50Hz operation
(100kHz crystal).
Backplane waveforms are shown in Figure 4-17.
These appear on outputs BP1,BP2,BP3 (Pins 16, 17,
and 18). They remain the same, regardless of the seg-
ments being driven.
Other display output lines (Pins 4 through 15) have
waveforms that vary depending on the displayed val-
ues. Figure 4-18 shows a set of waveforms for the A, G,
D outputs (Pins 5, 8, 11, and 14) for several combina-
tions of "ON" segments.
The ANNUNCIATOR DRIVE output (Pin 3) is a square
wave, running at the backplane frequency (100Hz or
83.3Hz) with a peak-to-peak voltage equal to DGND
voltage. Connecting an annunciator to Pin 3 turns it
ON; connecting it to its backplane turns it OFF.
+
–
12
µA
P
TC7129
Logic
Section
5V
3.2V
N
N
V+
V-
COM
DGND
24
28
36
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com