Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7129 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC7129
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC7129 Datasheet HTML 10Page - Microchip Technology TC7129 Datasheet HTML 11Page - Microchip Technology TC7129 Datasheet HTML 12Page - Microchip Technology TC7129 Datasheet HTML 13Page - Microchip Technology TC7129 Datasheet HTML 14Page - Microchip Technology TC7129 Datasheet HTML 15Page - Microchip Technology TC7129 Datasheet HTML 16Page - Microchip Technology TC7129 Datasheet HTML 17Page - Microchip Technology TC7129 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
TC7129
DS21459B-page 14
© 2002 Microchip Technology Inc.
FIGURE 4-11:
TC7129 FUNCTIONAL BLOCK DIAGRAM
FIGURE 4-12:
INTEGRATOR BLOCK DIAGRAM
Low Battery
Continuity
Segment Drives
Backplane
Drives
Latch, Decode Display Multiplexer
Up/Down Results Counter
Sequence Counter/Decoder
Control Logic
Analog Section
OSC1
OSC2
OSC3
RANGE
L/H
CONT
V+
V-
DGND
COMMON
IN
HI
IN
LO
BUFF
DP1
DP2
UR/DP3
OR/DP4
REF HI
REF LO
INT OUT
INT IN
Annunciator
Drive
VDISP
TC7129
Common
REF HI
Buffer
Integrator
DE
ZI, X10
Comparator 1
200mV
CREF
RINT
CINT
INT1
IN HI
+
–
–
+
–
+
REF LO
DE
IN LO
–
+
DE-
DE+
DE+
DE-
100pF
V
–
+
Continuity
INT1, INT2
Continuity
Comparator
500k
Ω
REST
To Display Driver
10
pF
Comparator 2
To Digital
Section
TC7129
INT
X10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com