Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7129 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC7129
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC7129 Datasheet HTML 3Page - Microchip Technology TC7129 Datasheet HTML 4Page - Microchip Technology TC7129 Datasheet HTML 5Page - Microchip Technology TC7129 Datasheet HTML 6Page - Microchip Technology TC7129 Datasheet HTML 7Page - Microchip Technology TC7129 Datasheet HTML 8Page - Microchip Technology TC7129 Datasheet HTML 9Page - Microchip Technology TC7129 Datasheet HTML 10Page - Microchip Technology TC7129 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© 2002 Microchip Technology Inc.
DS21459B-page 7
TC7129
3.0
DETAILED DESCRIPTION
(All Pin Designations Refer to 40-Pin PDIP.)
The TC7129 is designed to be the heart of a high
resolution analog measurement instrument. The only
additional components required are a few passive ele-
ments: a voltage reference, an LCD, and a power
source. Most component values are not critical; substi-
tutes can be chosen based on the information given
below.
The basic circuit for a digital multimeter application is
shown in Figure 3-1. See Section 4.0, Typical Applica-
tions for variations. Typical values for each component
are shown. The sections below give component selec-
tion criteria.
3.1
Oscillator (XOSC,CO1,CO2,RO)
The primary criterion for selecting the crystal oscillator
is to choose a frequency that achieves maximum rejec-
tion of line frequency noise. To do this, the integration
phase should last an integral number of line cycles.
The integration phase of the TC7129 is 10,000 clock
cycles on the 200mV range and 1000 clock cycles on
the 2V range. One clock cycle is equal to two oscillator
cycles. For 60Hz rejection, the oscillator frequency
should be chosen so that the period of one line cycle
equals the integration time for the 2V range:
EQUATION 3-1:
This equation gives an oscillator frequency of 120kHz.
A similar calculation gives an optimum frequency of
100kHz for 50Hz rejection.
The resistor and capacitor values are not critical; those
shown work for most applications. In some situations,
the capacitor values may have to be adjusted to com-
pensate for parasitic capacitance in the circuit. The
capacitors can be low cost ceramic devices.
Some applications can use a simple RC network
instead of a crystal oscillator. The RC oscillator has
more potential for jitter, especially in the least
significant digit. See Section 4.8, RC Oscillator.
3.2
Integrating Resistor (RINT)
The integrating resistor sets the charging current for
the integrating capacitor. Choose a value that provides
a current between 5
µA and 20µA at 2V, the maximum
full scale input. The typical value chosen gives a
charging current of 13.3
µA:
EQUATION 3-2:
Toohighavalue for RINT increases the sensitivity to
noise pickup and increases errors due to leakage cur-
rent. Too low a value degrades the linearity of the
integration, leading to inaccurate readings.
1/60 second = 16.7msec =
1000 clock cycles *2 OSC cycles/clock cycle
OSC Frequency
ICHARGE =
2V
150k
Ω
13.3
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com