Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21081_JP Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SSL21081_JP
Description  ?녈꺍?묆궚?덆씆沃욕뀎LED ?㎪삇?ⓦ깋?⒲궎?
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21081_JP Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SSL21081_JP Datasheet HTML 11Page - NXP Semiconductors SSL21081_JP Datasheet HTML 12Page - NXP Semiconductors SSL21081_JP Datasheet HTML 13Page - NXP Semiconductors SSL21081_JP Datasheet HTML 14Page - NXP Semiconductors SSL21081_JP Datasheet HTML 15Page - NXP Semiconductors SSL21081_JP Datasheet HTML 16Page - NXP Semiconductors SSL21081_JP Datasheet HTML 17Page - NXP Semiconductors SSL21081_JP Datasheet HTML 18Page - NXP Semiconductors SSL21081_JP Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
SSL21081/SSL21083
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
製品デー タ シ ー ト
Rev. 1 — 2013 年 6 月 5 日
15 of 21
NXP Semiconductors
SSL21081/SSL21083
コンパ ク ト非調光 LED 照明用 ド ラ イバ
12. SSL21081/SSL21083 - 降圧構成
ア プ リ ケーシ ョ ン情報の詳細は、SSL21081/SSL21083 のア プ リ ケーシ ョ ン ノ ー ト をご覧
くだ さ い。
図 6.
SSL21081/SSL21083 の降圧構成
001aan696
10 Ω
RT1
NTC
C6
C5
D2
D1
C1
C2
C4
R1
L1
IC1
fuse
L1
N
RGND
to
mains
HV
8
1
DRAIN
SOURCE
RGND
7
2
GND
VCC
6
3
GND
NTC
5
4
DVDT
IC
LED1...n
LED+
LED-
C3
D3
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com