Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2721 Datasheet(PDF) 18 Page - Micro Linear Corporation

Part # ML2721
Description  Low IF Digital Cordless Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2721 Datasheet(HTML) 18 Page - Micro Linear Corporation

Back Button ML2721 Datasheet HTML 14Page - Micro Linear Corporation ML2721 Datasheet HTML 15Page - Micro Linear Corporation ML2721 Datasheet HTML 16Page - Micro Linear Corporation ML2721 Datasheet HTML 17Page - Micro Linear Corporation ML2721 Datasheet HTML 18Page - Micro Linear Corporation ML2721 Datasheet HTML 19Page - Micro Linear Corporation ML2721 Datasheet HTML 20Page - Micro Linear Corporation ML2721 Datasheet HTML 21Page - Micro Linear Corporation ML2721 Datasheet HTML 22Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
ML2721
18
January, 2000
PRELIMINARY DATASHEET
PRELIMINARY
Table 9A. Register 0 — PLL Configuration Register
Table 9B. Register 1 — Channel Frequency Register
CONTROL INTERFACES AND REGISTER DESCRIPTION (continued)
t
i
B
a
t
a
De
m
a
Nn
o
i
t
p
i
r
c
s
e
De
s
U
3
1
B
D
/
)
B
S
M
(
5
1
Bd
e
v
r
e
s
e
R
)
o
r
e
z
(
0
o
t
s
t
i
b
l
l
a
t
e
S
2
1
B
D
/
4
1
Bd
e
v
r
e
s
e
R
1
1
B
D
/
3
1
B1
1
Q
H
C
t
f
i
h
s
y
c
n
e
u
q
e
r
f
L
L
P
s
t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
l
e
n
n
a
h
C
t
f
i
h
s
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
R
f
=
o
i
t
a
r
e
d
i
v
i
D
C
2
1
5
.
0
/
s
k
n
i
s
p
m
u
p
e
g
r
a
h
C
;
.
f
e
r
.
q
e
r
f
>
.
g
i
s
.
q
e
r
F
:
0
0
1
B
D
/
2
1
B0
1
Q
H
C
9
B
D
/
1
1
B9
Q
H
C
8
B
D
/
0
1
B8
Q
H
C
7
B
D
/
9
B7
Q
H
C
6
B
D
/
8
B6
Q
H
C
5
B
D
/
7
B5
Q
H
C
4
B
D
/
6
B4
Q
H
C
3
B
D
/
5
B3
Q
H
C
2
B
D
/
4
B2
Q
H
C
1
B
D
/
3
B1
Q
H
C
0
B
D
/
2
B0
Q
H
C
1
R
D
A
/
1
B1
R
D
At
i
b
s
s
e
r
d
d
a
B
S
M0
=
1
R
D
A
0
R
D
A
/
)
B
S
L
(
0
B0
R
D
At
i
b
s
s
e
r
d
d
a
B
S
L1
=
0
R
D
A
t
i
B
a
t
a
De
m
a
Nn
o
i
t
p
i
r
c
s
e
De
s
U
3
1
B
D
/
)
B
S
M
(
5
1
Bd
e
v
r
e
s
e
R
)
o
r
e
z
(
0
o
t
s
t
i
B
l
l
A
t
e
S
2
1
B
D
/
4
1
Bd
e
v
r
e
s
e
R
1
1
B
D
/
3
1
Bd
e
v
r
e
s
e
R
0
1
B
D
/
2
1
Bd
e
v
r
e
s
e
R
9
B
D
/
1
1
Bd
e
v
r
e
s
e
R
8
B
D
/
0
1
Bd
e
v
r
e
s
e
R
7
B
D
/
9
Bd
e
v
r
e
s
e
R
6
B
D
/
8
Bd
e
v
r
e
s
e
R
5
B
D
/
7
Bd
e
v
r
e
s
e
R
4
B
D
/
6
Bd
e
v
r
e
s
e
R
3
B
D
/
5
BL
O
Lt
f
i
h
S
y
c
n
e
u
q
e
r
F
L
L
P
.
e
v
i
e
c
e
R
r
o
f
z
H
M
4
2
0
.
1
,
t
i
m
s
n
a
r
T
r
o
f
z
H
0
s
i
t
f
i
h
s
O
L
:
0
.
e
v
i
e
c
e
R
r
o
f
z
H
0
,
t
i
m
s
n
a
r
T
r
o
f
z
H
M
4
2
0
.
1
s
i
t
f
i
h
s
O
L
:
1
2
B
D
/
4
BL
C
X
R
e
v
i
e
c
e
R
l
a
m
r
o
N
n
i
e
d
o
M
L
L
P
n
o
i
t
a
r
e
p
O
.
e
v
i
e
c
e
R
g
n
i
r
u
d
p
o
o
l
n
e
p
o
L
L
P
:
0
.
e
v
i
e
c
e
R
g
n
i
r
u
d
p
o
o
l
d
e
s
o
l
c
L
L
P
:
1
1
B
D
/
3
B0
D
Rt
c
e
l
e
S
y
c
n
e
u
q
e
r
F
e
c
n
e
r
e
f
e
R
.
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
l
a
n
i
m
o
n
z
H
M
4
4
1
.
6
:
0
.
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
l
a
n
i
m
o
n
z
H
M
8
8
2
.
2
1
:
1
0
B
D
/
2
BP
P
Qy
t
i
r
a
l
o
P
p
m
u
P
e
g
r
a
h
C
L
L
P
.
t
n
e
r
r
u
c
s
k
n
i
s
p
m
u
p
e
g
r
a
h
C
;
.
f
e
r
.
q
e
r
f
>
.
g
i
s
.
q
e
r
F
:
0
.
t
n
e
r
r
u
c
s
e
c
r
u
o
s
p
m
u
p
e
g
r
a
h
C
;
.
f
e
r
.
q
e
r
f
<
.
g
i
s
.
q
e
r
F
:
1
1
B
D
A
/
1
B1
R
D
A0
=
1
R
D
A
0
B
D
A
/
)
B
S
L
(
0
B0
R
D
A0
=
0
R
D
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com