Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2721 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML2721
Description  Low IF Digital Cordless Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2721 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML2721 Datasheet HTML 2Page - Micro Linear Corporation ML2721 Datasheet HTML 3Page - Micro Linear Corporation ML2721 Datasheet HTML 4Page - Micro Linear Corporation ML2721 Datasheet HTML 5Page - Micro Linear Corporation ML2721 Datasheet HTML 6Page - Micro Linear Corporation ML2721 Datasheet HTML 7Page - Micro Linear Corporation ML2721 Datasheet HTML 8Page - Micro Linear Corporation ML2721 Datasheet HTML 9Page - Micro Linear Corporation ML2721 Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ML2721
6
January, 2000
PRELIMINARY DATASHEET
PRELIMINARY
PIN DESCRIPTIONS (continued)
Power & Ground (Continued)
29
RVCC7
O (analog)
DC power supply decoupling point for IF, Demodulator, and Data
Slicer circuits. There must be a capacitor to ground from this pin to
decouple (bypass) noise and to stabilize the regulator
25
GND
I (analog)
DC Ground to IF, Demodulator, and Data Slicer circuits
12
GND
I (analog)
Ground for the PLL dividers, phase detector, and charge pump
17
GND
I (analog)
Signal ground for RF small signal circuits. Pins 17, 18, and 19 should
have short, direct connections to each other and additional
connections to ground
18
GND
I (analog)
Ground return for the Receive RF input
19
GND
I (analog)
Signal ground for the Receive mixers
20
GND
I (analog)
DC and Signal ground for the Transmit RF Output buffer
31
VDD
I (analog)
DC power supply input to the interface logic and control registers. This
supply is not internally connected to any other supply pin, but its
voltage must be less than or equal to the VCC5 supply, and greater
than 2.7V. There must be a capacitor to ground from this pin to
decouple (bypass) noise and to stabilize the regulator
8
VSS
I (digital)
Ground for digital I/O circuits and control logic
Transmit/Receive
21
RRFI
I (analog)
Receive RF Input. Nominal impedance at 902 to 928MHz is 50
W, with
a simple matching network required for optimum noise figure. This
input is to the base of an NPN transistor and should be AC coupled
23
TRFO
O (analog)
Transmit RF Output. A broadband 50
W output which sources 0dBm
over the 902 to 928MHz range. This output is an emitter follower and
should be AC coupled
Data
30
DIN
I (CMOS)
Transmit Data input. Drives the transmit pulse shaping circuits. Serial
digital data on this pin becomes FSK modulation on the Transmit RF
output. Data timing is controlled by the logic timing on this pin. The
modulation deviation is determined by internal circuits. This is a
standard CMOS input referenced to VDD &VSS
32
DOUT
O (CMOS)
Serial digital output after demodulation, chip rate filtering and center
data slicing. A CMOS level output (VSS to VDD) with controlled slew
rates. A low drive output designed to drive a PCB trace and a CMOS
logic input while generating minimal RFI. In digital test modes this pin
becomes a test access port controlled by the serial control bus
Mode Control and Interface Lines
1
XCEN
I (CMOS)
Enables the bandgap reference and voltage regulators when high.
Consumes only leakage current in standby mode when low. This is a
CMOS input, and the thresholds are referenced to VDD & VSS
2
RXON
I (CMOS)
Switches the transceiver between Transmit and Receive modes.
Circuits are powered up and signal paths reconfigured according to the
operating mode. This is a CMOS input, and the thresholds are
referenced to VDD & VSS
Pin #
Signal Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com