Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2721 Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML2721
Description  Low IF Digital Cordless Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2721 Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML2721 Datasheet HTML 6Page - Micro Linear Corporation ML2721 Datasheet HTML 7Page - Micro Linear Corporation ML2721 Datasheet HTML 8Page - Micro Linear Corporation ML2721 Datasheet HTML 9Page - Micro Linear Corporation ML2721 Datasheet HTML 10Page - Micro Linear Corporation ML2721 Datasheet HTML 11Page - Micro Linear Corporation ML2721 Datasheet HTML 12Page - Micro Linear Corporation ML2721 Datasheet HTML 13Page - Micro Linear Corporation ML2721 Datasheet HTML 14Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
ML2721
10
January, 2000
PRELIMINARY DATASHEET
PRELIMINARY
I.F. FILTER
LIMITING
AMPLIFIERS
ILO
RECEIVER
RX
INPUT
QLO
RSSI
AGC
F
V
DATA FILTER
DOUT
RSSI
∫
Figure 1. Receiver Block Diagram
MODES OF OPERATION
OVERVIEW
n STANDBY: All circuits powered down, except the
control interface (Static CMOS)
n RXCAL: Receive Calibration. PLL lock up time and
IF filter alignment, prior to RECEIVE
n RECEIVE: Receiver circuits active
n TXCAL: Transmit Calibration. PLL lock up time prior
to TRANSMIT
n TRANSMIT: PLL open loop, modulated RF output
available from IC
The four operational modes are RXCAL, RECEIVE, TXCAL
and TRANSMIT. They are set by the RXON (pin 2) and
PLLEN (pin 3) control pins. XCEN (pin 1) is the chip
enable/disable pin and can be set for standby operation.
The relationship between the parallel control lines and the
mode of operation of the IC is given in Table 2.
PARALLEL MODE CONTROL
The ML2721 is intended for use in TDD and TDMA radios
in battery powered equipment. To minimize power
consumption it is designed to switch rapidly from a low
power mode (STANDBY) to receive or transmit. The
ML2721 can also make a quick transition from receive to
transmit for TDD operation. Prior to transmitting or
receiving time should be allowed for the PLL to lock up,
and in the case of receive, for the IF filters to be aligned.
The ML2721 operates as a TDD radio on one RF frequency
(transmit or receive). The VCO frequency changes
between receive and transmit functions because of the IF
frequency. This VCO frequency step is automatically
performed.
Table 2. Mode Selection
RECEIVE MODES
RXCAL AND RECEIVE
In RECEIVE mode, the received signal at 900MHz is down
converted, bandpass filtered (IF filter), fed to the
frequency-to-voltage converter and low-pass filtered. The
output of the low-pass filter is fed to the data slicer which
outputs NRZ digital data. An RSSI voltage output
indicates the signal level at the output of the IF filter.
Prior to receive mode the ML2721 should be switched to
RXCAL mode. This is to allow the IF filters to be aligned
and for the PLL to switch frequency and settle to the
required frequency for receiving. Filter alignment, using
the Reference Frequency input signal REF, in the RXCAL
mode sets:
n Discriminator center frequency
n IF filter center frequency and bandwidth
n Receiver data low pass filter bandwidth
n Transmit data low pass filter bandwidth
In receive mode the programmed center frequency sets
the RF channel that will be received. This means the PLL
center frequency is the programmed RF center frequency
plus the IF frequency. The frequency offset required for the
low frequency IF in the RXCAL mode is automatically
calculated and performed.
RECEIVER CIRCUIT OPERATION
The ML2721 receive chain is a low IF receiver using
advanced integrated radio techniques to eliminate
external IF filters and minimize external RF filter
requirements. No external support circuitry is required
other than supply decoupling and input matching. The
precise filtering and demodulation circuits give improved
performance over conventional radio designs using
external filters. See Figure 1.
N
E
C
XN
O
X
RN
E
L
L
Pe
d
o
M
0X
X
Y
B
D
N
A
T
S
111
L
A
C
X
R
11
0
E
V
I
E
C
E
R
10
1
L
A
C
X
T
10
0
T
I
M
S
N
A
R
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com