Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2721 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML2721
Description  Low IF Digital Cordless Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2721 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML2721 Datasheet HTML 1Page - Micro Linear Corporation ML2721 Datasheet HTML 2Page - Micro Linear Corporation ML2721 Datasheet HTML 3Page - Micro Linear Corporation ML2721 Datasheet HTML 4Page - Micro Linear Corporation ML2721 Datasheet HTML 5Page - Micro Linear Corporation ML2721 Datasheet HTML 6Page - Micro Linear Corporation ML2721 Datasheet HTML 7Page - Micro Linear Corporation ML2721 Datasheet HTML 8Page - Micro Linear Corporation ML2721 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ML2721
5
January, 2000
PRELIMINARY DATASHEET
PRELIMINARY
PIN DESCRIPTIONS
PIN CONFIGURATION
Power & Ground
13
VCC2
I (analog)
DC Power Supply Input to the VCO voltage regulator
24
VCC5
I (analog)
DC power supply Input to Voltage Regulators and unregulated loads:
2.7 to 5.0V. VCC5 is the main (or master) analog VCC pin. There must
be a capacitor to ground from this pin to decouple (bypass) noise and
to stabilize the regulator
16
GND
I (analog)
DC ground for VCO and LO circuits
10
RVCC1
O (analog)
DC power supply decoupling point for the PLL dividers, phase detector,
and charge pump. This pin is connected to the output of the regulator
and to the PLL supplies. There must be a capacitor to ground from this
pin to decouple (bypass) noise and to stabilize the regulator
14
RVCC3
O (analog)
DC power supply decoupling point for the VCO. Connected to the
output of the VCO regulator. There must be a capacitor to ground from
this pin to decouple (bypass) noise and to stabilize the regulator
22
RVCC4
O (analog)
DC power supply decoupling point for the LO Chain. Connected to the
output of a regulator. There must be a capacitor to ground from this pin
to decouple (bypass) noise and to stabilize the regulator
27
RVCC6
O (analog)
DC power supply decoupling point for Quadrature Mixer and IF filter
circuits. There must be a capacitor to ground from this pin to decouple
(bypass) noise and to stabilize the regulator
Pin #
Signal Name
I/O
Description
VCC
5
TRFO
RVCC
4
RRFI
GND
GND
GND
GND
1
2
3
4
5
6
7
8
9
10111213141516
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
XCEN
RXON
PLLEN
EN
DATA
CLK
LD/TPQ
VSS
TOP VIEW
ML2721
32-Pin TQFP (H32-7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com