Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2721 Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML2721
Description  Low IF Digital Cordless Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2721 Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML2721 Datasheet HTML 9Page - Micro Linear Corporation ML2721 Datasheet HTML 10Page - Micro Linear Corporation ML2721 Datasheet HTML 11Page - Micro Linear Corporation ML2721 Datasheet HTML 12Page - Micro Linear Corporation ML2721 Datasheet HTML 13Page - Micro Linear Corporation ML2721 Datasheet HTML 14Page - Micro Linear Corporation ML2721 Datasheet HTML 15Page - Micro Linear Corporation ML2721 Datasheet HTML 16Page - Micro Linear Corporation ML2721 Datasheet HTML 17Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
ML2721
13
January, 2000
PRELIMINARY DATASHEET
PRELIMINARY
the scaled, filtered modulation. The voltage on the
modulation port swings above and below its central value
to produce 2-FSK modulation on the VCO. The modulation
filtering is sufficient to meet the FCC occupied bandwidth
and out-of-band emissions requirements, and does not
introduce significant ISI (Inter Symbol Interference).
The Transmit modulation filter is a 5th order all-pole filter,
designed for minimum differential group delay and good
stop band attenuation at greater than 2MHz. The 3dB
Figure 5. Transmitter Eye Diagram
Table 4. Bandwidth as a Function of Divider Ratio
bandwidth of the filter is slaved to the reference
frequency. See Table 4.
OVERVIEW (continued)
may be disturbed, and the radio could transmit on an out-
of-band signal. To prevent this a comparator monitors the
supply voltage and trips a transmitter shutdown latch if
the supply voltage drops below 2.6V. This disables the
transmitter output buffer. The latch is reset by the next
rising edge of RXON so that the radio cannot transmit
r
e
t
e
m
a
r
a
P
6
y
b
e
d
i
v
i
D
)
0
=
0
D
R
(
2
1
y
b
e
d
i
v
i
D
)
1
=
0
D
R
(
l
a
n
i
m
o
n
r
e
t
l
i
f
a
t
a
d
t
i
m
s
n
a
r
T
h
t
d
i
w
d
n
a
b
B
d
3
4
.
4
/
F
E
R8
.
8
/
F
E
R
NX FCOMP/2
DIVIDER
ADDER
12
P D
FCOMP
FREF
PLEN
REGISTER 1
BIT14...BIT3
INPUT SIGNAL AT
N X FCOMP/2
IF AT FCOMP
2N
F/6
F/12
FCOMP
NX FCOMP
VCO
LOOP FILTER
DIVIDE
BY 2
Figure 6. Transmitter Low Voltage Lockout Sequence
Figure 7. Phase Locked Loop in Transmit Mode
RXON
TRANSMIT
R.F. OUTPUT
VCCA
SUPPLY
VOLTAGE
TRANSMIT
LOCKOUT
LATCH
PLLEN
2.65V
TRANSMIT
RF BUFFER
NX FCOMP/2
DIVIDER
ADDER
12
P D
FCOMP
REF
PLLEN
REGISTER 1
BIT14...BIT3
O
N
÷6 or
÷12
FCOMP
N
× FCOMP
VCO
LOOP FILTER
DIVIDE
BY 2
until the next complete transmitter cycle. See Figure 6. If
the ML2721 is DC powered on with RXON enabled the
transmitter buffer will be latched off. This helps prevent
unwanted emissions.
Programming the ML2721 integrated PLL.
For ease of use, the ML2721 PLL is programmed to the set
RF center frequency of operation of the radio. See Figure
7. The RF output center frequency is half the VCO
frequency during transmission. The VCO is automatically
offset by twice the IF, to give the correct receive LO
frequency, during reception. This guarantees the baseband
Figure 5 shows an eye diagram recovered from the
Transmit RF output of the transceiver with a data stream of
1.5Mb/s.
Transmitter Lockout (Low Voltage)
The ML2721 transmitter features a low voltage lockout
circuit to meet FCC spurious emissions requirements. If
the supply voltage drops below 2.5V the VCO frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com