Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2721 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML2721
Description  Low IF Digital Cordless Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2721 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML2721 Datasheet HTML 1Page - Micro Linear Corporation ML2721 Datasheet HTML 2Page - Micro Linear Corporation ML2721 Datasheet HTML 3Page - Micro Linear Corporation ML2721 Datasheet HTML 4Page - Micro Linear Corporation ML2721 Datasheet HTML 5Page - Micro Linear Corporation ML2721 Datasheet HTML 6Page - Micro Linear Corporation ML2721 Datasheet HTML 7Page - Micro Linear Corporation ML2721 Datasheet HTML 8Page - Micro Linear Corporation ML2721 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ML2721
4
January, 2000
PRELIMINARY DATASHEET
PRELIMINARY
BLOCK DIAGRAM
23
TRFO
ADDRESS
DECODE
LO 6-BIT
SWALLOW
COUNTER
PRESCALAR
CONTROL
LOCK
DETECT
LO 6-BIT
COUNTER
PRESCALAR
32 / 33
REFERENCE
DIVIDER
LO PHASE/
FREQUENCY
DETECTOR
LO CHARGE
PUMP
CONTROL
LOGIC
TX DATA
FILTER
QUADRATURE
DIVIDE BY 2
1
XCEN
2
RXON
3
PLLEN
30 DIN
4
EN
5
DATA
6
CLK
28 RSSI
9
REF
7
LD
DATA
SLICER
DATA
FILTER
DEMOD
IF
FILTER
TEST
MUX
FILTER
ALIGN
RSSI
32 DOUT
TX RF
BUFFER
I
Q
I
Q
15
VTUNE
11
QPO
8
VSS
12
GND
17
GND
16
GND
19
GND
20
GND
18
GND
25
GND
21
RRFI
24
VCC5
DC
REGULATORS
22
RVCC4
14
RVCC3
10
RVCC1
31
VDD
29
RVCC7
27
RVCC6
13
VCC2
26
VBG
RX
QUADRATURE
MIXERS
1.83GHz VCO
LIMITER
LIMITER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com